Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP573 Datasheet(PDF) 11 Page - Analog Devices

Part # ADCMP573
Description  Ultrafast 3.3 V Single-Supply Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP573 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCMP573 Datasheet HTML 7Page - Analog Devices ADCMP573 Datasheet HTML 8Page - Analog Devices ADCMP573 Datasheet HTML 9Page - Analog Devices ADCMP573 Datasheet HTML 10Page - Analog Devices ADCMP573 Datasheet HTML 11Page - Analog Devices ADCMP573 Datasheet HTML 12Page - Analog Devices ADCMP573 Datasheet HTML 13Page - Analog Devices ADCMP573 Datasheet HTML 14Page - Analog Devices ADCMP573 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Technical Data
ADCMP572/ADCMP573
Rev. PrB | Page 11 of 16
COMPARATOR HYSTERESIS
The addition of hysteresis to a comparator is often desirable in a
noisy environment or when the differential input amplitudes are
relatively small or slow moving. The transfer function for a
comparator with hysteresis is shown in Figure 16. If the input
voltage approaches the threshold (0.0 V in this example) from
the negative direction, the comparator switches from a low to a
high when the input crosses +VH/2. The new switching threshold
becomes −VH/2. The comparator remains in the high state until
the threshold −VH/2 is crossed from the positive direction. In
this manner, noise centered on 0.0 V input does not cause the
comparator to switch states unless it exceeds the region
bounded by ±VH/2.
OUTPUT
INPUT
0
VOL
VOH
+VH
2
–VH
2
Figure 16. Comparator Hysteresis Transfer Function
The customary technique for introducing hysteresis into a
comparator uses positive feedback from the output back to the
input. A limitation of this approach is that the amount of
hysteresis varies with the output logic levels, resulting in
hysteresis that is not symmetric about the threshold. The
external feedback network can also introduce significant
parasitics that reduce high speed performance, and can even
induce oscillation in some cases.
The ADCMP572/ADCMP573 comparators offer a
programmable hysteresis feature that can significantly improve
the accuracy and stability of the desired hysteresis. By
connecting an external pull-down resistor from the HYS pin to
GND, a variable amount of hysteresis can be applied. Leaving
the HYS pin disconnected disables the feature, and hysteresis is
then less than 1 mV as specified. The maximum hysteresis that
can be applied using this method is approximately ±25 mV.
Figure 17 illustrates the amount of hysteresis applied as a
function of external resistor value. The advantages of applying
hysteresis in this manner are improved accuracy, stability, and
reduced component count. An external bypass capacitor is not
recommended on the HYS pin because it would likely degrade
the jitter performance of the device.
0
10
20
30
40
50
60
23
0
1
456
RHYS (kΩ)
Figure 17. Hysteresis vs. RHYS Control Resistor
MINIMUM INPUT SLEW RATE REQUIREMENT
As with all high speed comparators, a minimum slew rate
requirement must be met to ensure that the device does not
oscillate as the input signal crosses the threshold. This
oscillation is due in part to the high input bandwidth of the
comparator and the feedback parasitics inherent in the package.
Analog Devices recommends a minimum slew rate of 50 V/µs
to ensure a clean output transition from the ADCMP572/
ADCMP573 comparators unless hysteresis is programmed as
discussed previously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com