Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP573 Datasheet(PDF) 12 Page - Analog Devices

Part # ADCMP573
Description  Ultrafast 3.3 V Single-Supply Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP573 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCMP573 Datasheet HTML 8Page - Analog Devices ADCMP573 Datasheet HTML 9Page - Analog Devices ADCMP573 Datasheet HTML 10Page - Analog Devices ADCMP573 Datasheet HTML 11Page - Analog Devices ADCMP573 Datasheet HTML 12Page - Analog Devices ADCMP573 Datasheet HTML 13Page - Analog Devices ADCMP573 Datasheet HTML 14Page - Analog Devices ADCMP573 Datasheet HTML 15Page - Analog Devices ADCMP573 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADCMP572/ADCMP573
Preliminary Technical Data
Rev. PrB | Page 12 of 16
TYPICAL APPLICATION CIRCUITS
Q
3.3V
50
Ω
50
Ω
ADCMP572
Q
VIN
VP
VTP
VTN
VN
LATCH
INPUTS
Figure 18. Zero-Crossing Detector with 3.3 V CML Outputs
Q
50
Ω
50
Ω
Q
VP
VN
VP
VTP
VTN
VN
LATCH
INPUTS
VCCI = 5.2V
ADCMP572
VCCO
Figure 19. LVDS to50 Ω Back-Terminated (RS)PECL Receiver
50
Ω
50
Ω
+
–
Q
Q
VIN
VTH
LATCH
INPUTS
GND = –1V
VCCI = 3.3V
VCCO = 2.5V/3.3V
2.5V/3.3V
ADCMP572
Figure 20. Comparator with ±1 V Input Range and
2.5 V or 3.3 V CML Outputs
50
Ω
50
Ω
Q
Q
VIN
VTH
LATCH
INPUTS
VCCI = 5.2V
VCCO = 3.3V/5.2V
3.3V/5.2V
ADCMP572
Figure 21. Comparator with 0 V to 3 V Input Range and
3.3 V or 5.2 V Positive CML Outputs
LATCH
INPUTS
VCCI
VCCO = 3.3V
5V
75
Ω
50
Ω
50
Ω
100
Ω
100
Ω
ADCMP572
Figure 22. Interfacing 3.3 V CML to a 50 Ω
Ground Terminated Instrument
VCCO
VP
VN
VCCO = 3.3V
VCCO
750
Ω
VCCI
ADCMP572
50
Ω
50
Ω
Figure 23. Disabling the Latch Feature
HYS
VCCO
VCCO
VCCI
ADCMP572
50
Ω
50
Ω
0
Ω TO 5kΩ
Figure 24. Adding Hysteresis Using the HYS Control Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com