Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9876BSTRL Datasheet(PDF) 13 Page - Analog Devices

Part # AD9876BSTRL
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9876BSTRL Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9876BSTRL Datasheet HTML 9Page - Analog Devices AD9876BSTRL Datasheet HTML 10Page - Analog Devices AD9876BSTRL Datasheet HTML 11Page - Analog Devices AD9876BSTRL Datasheet HTML 12Page - Analog Devices AD9876BSTRL Datasheet HTML 13Page - Analog Devices AD9876BSTRL Datasheet HTML 14Page - Analog Devices AD9876BSTRL Datasheet HTML 15Page - Analog Devices AD9876BSTRL Datasheet HTML 16Page - Analog Devices AD9876BSTRL Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
REV. A
AD9876
–13–
33.5MHz
1MHz
10MHz
100MHz
0
LOG DELAY
5dB/REF –2dB
–5.1933dB
TPC 27. Rx LPF Frequency Response, High fC,
0
60 and 0
96 Tuning Targets
78.8MHz
0
LOG MAG
5dB/REF 0dB
–3.01dB
COR
AVG
16
10kHz
100kHz
1MHz
TPC 28. Rx HPF Frequency Response, fADC = 32 MHz
ADC CLOCK CYCLES
2400
2600
2800
3000
3200
3400
3600
3800
4000
05
10
15
20
25
30
35
40
fADC = 50MHz
fADC = 32MHz
TPC 29. Rx Path Setting, 1/2 Scale Rising Step
with Gain Change
Typical AC Characterization Curves for Rx Path
29.5MHz
0
COR
AVG
16
1MHz
10MHz
100MHz
LOG DELAY
5ns/REF 0s
29.97ns
TPC 30. Rx LPF Group Delay, High fC, 0
60 and
0
96 Tuning Targets
GAIN SETTING
– dB
700
600
100
500
400
300
200
0
–6
14
424
34
FILTER ENABLED
FILTER BYPASSED
TPC 31. Rx Input Referred Noise vs. Gain
@ fADC = 32 MSPS, fIN = 1 MHz
ADC CLOCK CYCLES
2400
2600
2800
3000
3200
3400
3600
3800
4000
05
10
15
20
25
30
35
40
fADC = 50MHz
fADC = 32MHz
TPC 32. Rx Path Setting, 1/2 Scale Falling Step
with Gain Change
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com