Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9876BSTRL Datasheet(PDF) 21 Page - Analog Devices

Part # AD9876BSTRL
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9876BSTRL Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9876BSTRL Datasheet HTML 16Page - Analog Devices AD9876BSTRL Datasheet HTML 17Page - Analog Devices AD9876BSTRL Datasheet HTML 18Page - Analog Devices AD9876BSTRL Datasheet HTML 19Page - Analog Devices AD9876BSTRL Datasheet HTML 20Page - Analog Devices AD9876BSTRL Datasheet HTML 21Page - Analog Devices AD9876BSTRL Datasheet HTML 22Page - Analog Devices AD9876BSTRL Datasheet HTML 23Page - Analog Devices AD9876BSTRL Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
REV. A
AD9876
–21–
REGISTER PROGRAMMING DEFINITIONS
REGISTER 0 – RESET/SPI CONFIGURATION
Bit 5: Software Reset
Setting this bit high resets the chip. The PLLs will relock to the
input clock and all registers (except Register 0
× 0, Bit 6) revert to
their default values. Upon completion of the reset, Bit 5 is reset to 0.
The content of the interpolator stages are not cleared by software
or hardware resets. It is recommended to “flush” the transmit
path with zeros before transmitting data.
Bit 6: SPI LSB First
Setting this bit high causes the serial port to send and receive
data least significant bit (LSB) first. The default low state con-
figures the serial port to send and receive data most significant
bit (MSB) first.
REGISTERS 1 AND 2—POWER-DOWN
The combination of the PWR DN pin and Registers 1 and 2
allow for the configuration of two separate pin selectable power
settings. The PWR DN pin selects between two sets of individually
programmed operation modes.
When the PWR DN pin is low, the functional blocks corre-
sponding to the bits set in Register 1 will be powered down.
When the PWR DN pin is high, the functional blocks corre-
sponding to the bits set in Register 2 will be powered down.
Bit 0: Power-Down Receive Filter and CPGA
Setting this bit high powers down and bypasses the Rx LPF and
coarse programmable gain amplifier.
Bit 1: Power-Down ADC and FPGA
Setting this bit high powers down the ADC and fine program-
mable gain amplifier (FPGA).
Bit 2: Power-Down Rx Reference
Setting this bit high powers down the ADC reference. This bit
should be set if an external reference is applied.
Bit 3: Power-Down Interpolators
Setting this bit high powers down the transmit digital interpolators.
It does not clear the content of the data path.
Bit 4: Power-Down DAC
Setting this bit high powers down the transmit DAC.
Bit 5, Bit 6: Power-Down PLL-A, PLL-B
Setting these bits high powers down the on-chip phase-lock
loops that generated CLK-A and CLK-B, respectively. When
powered down, these clocks are high impedance.
Bit 7: Power-Down Regulator
Setting this bit high powers down the on-chip voltage control regulator.
REGISTER 3—CLOCK SOURCE CONFIGURATION
The AD9876 integrates two independently programmable PLLs
referred to as PLL-A and PLL-B. The outputs of the PLLs are
used to generate all the chips internal and external clock signals
from the fCLKIN signal. All Tx path clock signals are derived
from PLL-A. If fCLKIN is programmed as the ADC sampling
clock source, then the Rx port clocks are also derived from
PLL-A. Otherwise, the ADC sampling clock is PLL-B/2 and the
Rx path clocks are derived from PLL-B.
There is a restriction that the values of L and K both be equal to
4 when fCLKIN is selected as the ADC sampling clock source.
However, the best receive path performance is obtained when
fCLKIN is selected as the ADC sampling clock source and should
be used as the ADC sampling clock whenever possible.
Bit 1, 0: PLL-A Multiplier
Bits 1 and 0 determine the multiplication factor (L) for PLL-A
and the DAC sampling clock frequency, fDAC.
fDAC = L
× fCLKIN
Bit 1, 0
0, 0: L = 1
0, 1: L = 2
1, 0: L = 4
1, 1: L = 8
Bit 5 to 2: PLL-B Multiplier/Divider
Bits 5 to 2 determine the multiplication factor (M) and division
factor (N) for the PLL-B and the CLK-B frequency. For multi-
plexed 10-/12-bit data, fCLK-B = fCLKIN
× M/N. For nonmultiplexed
6-bit data, fCLK-B = (fCLKIN/2)
× M/N. All nine combinations of M
and N values are valid, yielding seven unique M/N ratios.
Bit 5,4
Bit 3,2
0, 0: M = 3
0, 0: N = 2
0, 1: M = 4
0, 1: N = 4
1, 0: M = 6
1, 0: N = 1
Bit 6: ADC Clock Source PLL-B/2
Setting Bit 6 high selects PLL-B/2 as the ADC sampling clock
source. In this mode, the Rx data and CLK-B will run at a rate
of fCLK-B. Rx SYNC will run at fCLK-B/2.
Setting Bit 6 low selects the fCLKIN signal as the ADC sampling
clock source. This mode of operation yields the best ADC
performance if an external crystal is used or a low jitter clock
source drives the OSCIN pin.
Bit 7: Tx Port Negative Edge Sampling
Setting Bit 7 high will cause the Tx Port to sample the Tx DATA
and Tx SYNC on the falling edge of CLK-A. By default, the Tx
Port sampling occurs on the rising edge of CLK-A. The timing
is shown in Figure 5.
REGISTER 4—RECEIVE FILTER SELECTION
The AD9876 receive path has a continuous time 4-pole LPF
and a 1-pole digital HPF. The 4-pole LPF has two selectable
cutoff frequencies. Additionally, the filter can be tuned around
those two cutoff frequencies. These filters can also be bypassed
to different degrees as described below.
The continuous time 4-pole low-pass filter is automatically
calibrated to one of two selectable cutoff frequencies.
The cutoff frequency fCUTOFF is described as a function of the
ADC sampling frequency fADC and can be influenced (
±30%) by
the Rx Filter Tuning Target word in Register 5.
ff
64 64
Target
CUTOFF LOW
ADC
=×
+
()
ff
158 64
Target
CUTOFF HIGH
ADC
=×
+
()
Bit 0: Rx LPF Bypass
Setting this bit high bypasses the 4-pole LPF. The filter is auto-
matically powered down when this bit is set.
Bit 1: Enable 1-Pole Rx LPF
The AD9876 can be configured with an additional 1-pole ~16 MHz
input filter for applications that require steeper filter roll-off or
want to use the 1-pole filter instead of the 4-pole receive low-
pass filter. The 1-pole filter is untrimmed and subject to cutoff
frequency variations of
20%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com