Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8027ART-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8027ART-R2
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8027ART-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8027ART-R2 Datasheet HTML 12Page - Analog Devices AD8027ART-R2 Datasheet HTML 13Page - Analog Devices AD8027ART-R2 Datasheet HTML 14Page - Analog Devices AD8027ART-R2 Datasheet HTML 15Page - Analog Devices AD8027ART-R2 Datasheet HTML 16Page - Analog Devices AD8027ART-R2 Datasheet HTML 17Page - Analog Devices AD8027ART-R2 Datasheet HTML 18Page - Analog Devices AD8027ART-R2 Datasheet HTML 19Page - Analog Devices AD8027ART-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8027/AD8028
Rev. B | Page 16 of 24
THEORY OF OPERATION
The AD8027/AD8028 is a rail-to-rail input and output amplifier
designed in Analog Devices XFCB process. The XFCB process
enables the AD8027/AD8028 to run on 2.7 V to 12 V supplies
with 190 MHz of bandwidth and over 100 V/µs of slew rate. The
AD8027/AD8028 has 4.3 nV/√Hz of wideband noise with
17 nV/√Hz noise at 10 Hz. This noise performance, with an
offset and drift performance of less than 900 µV maximum and
1.5 µV/°C typical, respectively, makes the AD8027/AD8028
ideal for high speed precision applications. Additionally, the
input stage operates 200 mV beyond the supply rails and shows
no phase reversal. The amplifier features overvoltage protection
on the input stage. Once the inputs exceed the supply rails by
0.7 V, ESD protection diodes will turn on, drawing excessive
current through the differential input pins. A series input resis-
tor should be included to limit the input current to less than
10 mA.
Input Stage
The rail-to-rail input performance is achieved by operating
complementary input pairs. Which pair is on is determined by
the common-mode level of the differential input signal. Look-
ing at the schematic in Figure 55, a tail current (ITAIL) is gener-
ated that sources the PNP differential input structure consisting
of Q1 and Q2. A reference voltage is generated internally that is
connected to the base of Q5. This voltage is continually com-
pared against the common-mode input voltage. When the
common-mode level exceeds the internal reference voltage, Q5
diverts the tail current (ITAIL) from the PNP input pair to a cur-
rent mirror that sources the NPN input pair consisting of Q3
and Q4. The NPN input pair can now operate 200 mV above
the positive rail. Both input pairs are protected from differential
input signals above 1.4 V by four diodes across the input (see
Figure 55). In the event of differential input signals that exceed
1.4 V, the diodes will conduct and excessive current will flow
through them. A series input resistor should be included to limit
the input current to 10 mA.
Crossover Selection
A new feature available on the AD8027/AD8028, which is called
Crossover Selection, allows the user to choose the crossover
point between the PNP/NPN differential pairs. Although the
crossover region is small, operating in this region should be
avoided since it can introduce offset and distortion to the out-
put signal. To help avoid operating in the crossover region, the
AD8027/AD8028 allows the user to select from two preset
crossover locations (i.e., voltage levels) using the SELECT pin.
Looking at the schematic in Figure 55, the crossover region is
about 200 mV and is defined by the voltage level at the base of
Q5. Internally, two separate voltage sources are created approxi-
mately 1.2 V from either rail. One or the other is connected to
Q5 based on the voltage applied to the SELECT pin. This allows
for either dominant PNP pair operation, when the SELECT pin
is left open, or dominant NPN pair operation, when the
SELECT pin is pulled high. This pin also provides the tradi-
tional power-down function when it is pulled low. This allows
the designer to achieve the best precision and ac performance
for high-side and low-side signal applications. See Figure 50
through Figure 53 for SELECT pin characteristics.
VCC
1.2V
+
–
VEE
ITAIL
1.2V
+
–
LOGIC
VSEL
VP
Q5
Q3
Q1
Q2
Q4
VN
VOUTP
VOUTN
ICMFB
VCC
VEE
ICMFB
03327-A-054
Figure 55. Simplified Input Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com