Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8027ART-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8027ART-R2
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8027ART-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8027ART-R2 Datasheet HTML 16Page - Analog Devices AD8027ART-R2 Datasheet HTML 17Page - Analog Devices AD8027ART-R2 Datasheet HTML 18Page - Analog Devices AD8027ART-R2 Datasheet HTML 19Page - Analog Devices AD8027ART-R2 Datasheet HTML 20Page - Analog Devices AD8027ART-R2 Datasheet HTML 21Page - Analog Devices AD8027ART-R2 Datasheet HTML 22Page - Analog Devices AD8027ART-R2 Datasheet HTML 23Page - Analog Devices AD8027ART-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8027/AD8028
Rev. B | Page 21 of 24
Band-Pass Filter
In communication systems, active filters are used extensively in
signal processing. The AD8027/AD8028 is an excellent choice
for active filter applications. In realizing this filter, it is impor-
tant that the amplifier has a large signal bandwidth of at least
10× the center frequency, fO. Otherwise, a phase shift can occur
in the amplifier, causing instability and oscillations.
In the schematic shown in Figure 62, the AD8027/AD8028 is
configured as a 1 MHz band-pass filter. The target specifications
are fO = 1 MHz and a –3 dB pass band of 500 kHz. Start the
design by selecting the following: fO, Q, C1, and R4. Then using
the equations shown below, calculate the remaining variables.
The test data shown in Figure 63 indicates that this design
yielded a filter response with a center frequency fO = 1 MHz and
a bandwidth of 450 kHz.
(MHz)
(MHz)
Band
Pass
f
Q
O
=
k = 2πfOC1
C2 = 0.5C1
R1 = 2/k, R2 = 2/(3k), R3 = 4/k
H = 1/3(6.5 – 1/Q)
R5 = R4/(H – 1)
+5
–5
C3
0.1
µF
C4
0.1
µF
R4
523
Ω
R5
523
Ω
C2
500pF
C1
1000pF
R3
634
Ω
VOUT
R1
316
Ω
R2
105
Ω
VIN
SELECT
AD8027/
AD8028
+
–
03327-A-061
Figure 62. Band-Pass Filter Schematic
0.1
CH1 S21 LOG
5dB/REF 6.342dB
1:6.3348dB 1.00 000MHz
1
FREQUENCY – MHz
10
1
03327-A-062
Figure 63. Band-Pass Filter Response
Design Tools and Technical Support
Analog Devices is committed to simplifying the design process
by providing technical support and online design tools. We offer
technical support via free evaluation boards, sample ICs, inter-
active evaluation tools, data sheets, spice models, application
notes, phone and email support, all of which are available at
www. analog.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com