Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PL320DB60R Datasheet(PDF) 37 Page - SPANSION

Part # AM29PL320DB60R
Description  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PL320DB60R Datasheet(HTML) 37 Page - SPANSION

Back Button AM29PL320DB60R Datasheet HTML 33Page - SPANSION AM29PL320DB60R Datasheet HTML 34Page - SPANSION AM29PL320DB60R Datasheet HTML 35Page - SPANSION AM29PL320DB60R Datasheet HTML 36Page - SPANSION AM29PL320DB60R Datasheet HTML 37Page - SPANSION AM29PL320DB60R Datasheet HTML 38Page - SPANSION AM29PL320DB60R Datasheet HTML 39Page - SPANSION AM29PL320DB60R Datasheet HTML 40Page - SPANSION AM29PL320DB60R Datasheet HTML 41Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
October 2, 2003
Am29PL320D
35
AC CHARACTERISTICS
Read Operations
Notes:
1. Not 100% tested.
2. See Figure 11 and Table 16 for test specifications.
Parameter
Description
Test Setup
Speed Options
Unit
JEDEC
Std
60R
70R, 70
90
tAVAV
tRC
Read Cycle Time
Min
60
70
90
ns
tAVQV
tACC
Address Access Time
CE#=VIL,
OE#=VIL
Max
60
70
90
ns
tELQV
tCE
Chip Enable to Output Delay
OE#=VIL
Max
60
70
90
ns
tPACC
Page Access Time
Max
20
25
35
ns
tGLQV
tOE
Output Enable to Output Valid
Max
20
25
35
ns
tEHQZ
tDF
Chip Enable to Output High Z
Max
16
ns
tGHQZ
tDF
Output Enable to Output High Z
Max
16
ns
tOEH
Output Enable
Hold Time (Note 1)
Read
0
ns
Toggle and
Data# Polling
10
ns
tAXQX
tOH
Output Hold Time From Addresses, OE#
or CE#, Whichever Occurs First (Note 1)
Min
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com