Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PL320DB60R Datasheet(PDF) 46 Page - SPANSION

Part # AM29PL320DB60R
Description  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PL320DB60R Datasheet(HTML) 46 Page - SPANSION

Back Button AM29PL320DB60R Datasheet HTML 42Page - SPANSION AM29PL320DB60R Datasheet HTML 43Page - SPANSION AM29PL320DB60R Datasheet HTML 44Page - SPANSION AM29PL320DB60R Datasheet HTML 45Page - SPANSION AM29PL320DB60R Datasheet HTML 46Page - SPANSION AM29PL320DB60R Datasheet HTML 47Page - SPANSION AM29PL320DB60R Datasheet HTML 48Page - SPANSION AM29PL320DB60R Datasheet HTML 49Page - SPANSION AM29PL320DB60R Datasheet HTML 50Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
44
Am29PL320D
October 2, 2003
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 3.0 V V
CC, 1,000,000 cycles. Additionally,
programming typicals assume checkerboard pattern.
2. Under worst case conditions of 90°C, VCC = 2.7 V, 1,000,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most words
program faster than the maximum program times listed.
4. In the pre-programming step of the Embedded Erase algorithm, all words are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See
Table 13 for further information on command definitions.
6. The device has a minimum erase and program cycle endurance of 1,000,000 cycles.
LATCHUP CHARACTERISTICS
Includes all inputs except VCC. Test conditions: VCC = 3.0 V, one input at a time.
DATA RETENTION
* For reference only. BSC is an ANSI standard for Basic Space Centering.
Parameter
Typ
(Note 1)
Max
(Note 2)
Unit
Comments
Sector Erase Time, 96 and 128 KByte
sector
260
s
Excludes 00h programming
prior to erasure (Note 4)
Sector Erase Time, 8 and 16 KByte sector
0.5
60
Chip Erase Time
33.5
s
Word Programming Time
14.3
300
µs
Excludes system level
overhead (Note 5)
Double Word Programming Time
18.3
360
µs
Chip Programming Time
(Note 3)
Word Mode
28
84
s
Double Word
Mode
18
54
s
Description
Min
Max
Input voltage with respect to VSS on all inputs except I/O inputs
(including A9 and OE#)
–1.0 V
12.5 V
Input voltage with respect to VSS on all I/O inputs
–1.0 V
VCC + 1.0 V
VCC Current
–100 mA
+100 mA
Parameter
Test Conditions
Min
Unit
Minimum Pattern Data Retention Time
150
°C
10
Years
125
°C
20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com