Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP438P Datasheet(PDF) 4 Page - Anachip Corp

Part # AP438P
Description  PWM Fan Speed Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP438P Datasheet(HTML) 4 Page - Anachip Corp

  AP438P Datasheet HTML 1Page - Anachip Corp AP438P Datasheet HTML 2Page - Anachip Corp AP438P Datasheet HTML 3Page - Anachip Corp AP438P Datasheet HTML 4Page - Anachip Corp AP438P Datasheet HTML 5Page - Anachip Corp AP438P Datasheet HTML 6Page - Anachip Corp AP438P Datasheet HTML 7Page - Anachip Corp AP438P Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP438/9
PWM Fan Speed Controller
Anachip Corp.
www.anachip.com.tw
Rev.0.5 Feb.12, 2004
4/8
Typical Characteristics
PWM ON Voltage v.s. Suppy Voltage
1.06
1.065
1.07
1.075
1.08
1.085
1.09
1.095
1.1
7
8
9 10 11 12 13 14 15 16 17 18
Suppy Voltage (V)
Supply Current v.s. Suppy Voltage
2.42
2.43
2.44
2.45
2.46
2.47
2.48
2.49
2.5
2.51
7
8
9
1011 121314 1516 1718
Suppy Voltage (V)
PWM ON Voltage v.s. System Loading
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
0
50 100 150 200 250 300 350 400 450 500 550
System Loading (mA)
Frequency v.s. Temperature
29.6
30
30.4
30.8
31.2
31.6
32
32.4
32.8
-40 -20 0
20 40 60 80 100 120 140
T em perature (℃)
PWM On Voltage v.s.Temperature
(Io=100mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-10
0
10 20 30 40 50 60 70 80 90 100
Temperature (℃)
PWM On Voltage v.s. Temperature
(Io=500mA)
1.025
1.03
1.035
1.04
1.045
1.05
1.055
1.06
1.065
-10 0
10 20 30 40 50 60 70 80 90 100
Temperature (℃)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com