Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP438P Datasheet(PDF) 3 Page - Anachip Corp

Part # AP438P
Description  PWM Fan Speed Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP438P Datasheet(HTML) 3 Page - Anachip Corp

  AP438P Datasheet HTML 1Page - Anachip Corp AP438P Datasheet HTML 2Page - Anachip Corp AP438P Datasheet HTML 3Page - Anachip Corp AP438P Datasheet HTML 4Page - Anachip Corp AP438P Datasheet HTML 5Page - Anachip Corp AP438P Datasheet HTML 6Page - Anachip Corp AP438P Datasheet HTML 7Page - Anachip Corp AP438P Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP438/9
PWM Fan Speed Controller
Anachip Corp.
www.anachip.com.tw
Rev.0.5 Feb.12, 2004
3/8
Electrical Characteristics
Unless otherwise specified, guaranteed for Tj=25
OC , VCC=12V .
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VCC
Supply Voltage
7.0
-
18
V
IIN
Input Bias Current(VIN Pin)
VIN=2.0V,
0.5
2
7
uA
VIN
Input Voltage Range
0
VCC-0.5
V
DUTY
PWM duty cycle range
0
100
%
VIN(OTP)
OTP Detect Voltage
3.3
3.4
3.5
V
VIN(Release)
OTP release Voltage
2.65
2.75
2.85
V
VIN(HS)
OTP detect Voltage Hysteresis
450
650
850
mV
VIN(PWM0)
Max Input voltage of 0% PWM
0.75
0.8
0.85
V
VIN(PWM100) Min Input voltage of 100% PWM
2.80
2.85
2.90
V
IS
Supply Current
Output floating
2.5
mA
VPWM(ON)
PWM transistor ON voltage
IPWM=500mA
continued
1.1
1.3
V
IPWM
Max. sink current
500
mA
VOTP(L)
OTP low level voltage
IOTP=20mA
0.3
0.6
V
IOTP
Max. sink current
20
mA
FOSC
OSC Frequency
0
OC<T
J<85
OC
22
30
38
Khz
Application Circuit
AP439
12V
NTC
12V
OTP
FAN
1K
104P



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com