Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM117HVT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # COM117HVT
Description  COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

COM117HVT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  COM117HVT Datasheet HTML 1Page - List of Unclassifed Manufacturers COM117HVT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246
3.3
COM117HVT
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Reference Voltage
V
REF
V
DIFF = 3.0V, TA = 25°C
1.20
1.30
V
DIFF = 3.3V
•
1.20
1.30
V
V
DIFF = 40V
•
1.20
1.30
V
DIFF = 60V
•
1.20
1.30
Line Regulation
R
LINE
3.0V
V
DIFF
40V, V
out = Vref,TA = 25°C
-99
(Note 1)
3.3V
V
DIFF
40V, V
out = Vref
•
-23
23
m V
40V
V
DIFF
60V, V
out = Vref,TA = 25°C
-55
40V
V
DIFF
60V, V
out = Vref
•
-10
10
Load Regulation
R
LOAD
V
DIFF = 3.0V, 10mA
I
L
1.5A, T
A = 25°C
-15
15
(Note 1)
V
DIFF = 3.3V, 10mA
I
L
1.5A
•
-15
15
m V
V
DIFF = 40V, 10mA
I
L
300mA, T
A = 25°C
-15
15
V
DIFF = 40V, 10mA
I
L
195mA
•
-15
15
V
DIFF = 60V, 10mA
I
L
30mA
•
-15
15
Thermal Regulation
V
RTH
V
i
n = 14.6V, IL = 1.5A
-16
16
m V
P
d = 20 Watts, t = 20 ms, TA = 25°C
Ripple Rejection
R
N
f = 120 Hz, V
out = Vref
•
66
dB
(Note 2)
C
Adj = 10 µF, Iout = 100 mA
Adjustment Pin Current
I
Adj
V
DIFF = 3.0V, TA = 25°C
100
V
DIFF = 3.3V
•
100
µA
V
DIFF = 40V
•
100
V
DIFF = 60V
•
100
Adjustment Pin
³
I
Adj
V
DIFF = 3.0V, 10mA
I
L
1.5A, T
A = 25°C
-55
Current Change
V
DIFF = 3.3V, 10mA
I
L
1.5A
•
-55
V
DIFF = 40V, 10mA
I
L
300mA, T
A = 25°C
-55
V
DIFF = 40V, 10mA
I
L
195mA
•
-55
µA
3.0V
V
DIFF
40V, T
A = 25°C
-55
3.3V
V
DIFF
40V
•
-55
3.3V
V
DIFF
60V
•
-55
Miminum Load Current
I
Lmin
V
DIFF = 3.0V, Vout = 1.4V (forced)
5.0
V
DIFF = 3.3V, Vout = 1.4V (forced)
•
5.0
m A
V
DIFF = 40V, Vout = 1.4V (forced)
•
5.0
V
DIFF = 60V, Vout = 1.4V (forced)
•
7.0
Current Limit
I
CL
V
DIFF = 5V
•
1.5
3.5
(Note 2)
V
DIFF = 40V, TA = 25°C
0.3
1.5
A
V
DIFF = 60V, TA = 25°C
0.05
0.50
Notes:
1
. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
2
. If not tested, shall be guaranteed to the specified limits.
3
. The • denotes the specifications which apply over the full operating temperature range.
ELECTRICAL CHARACTERISTICS -55°C
T
A
125°C, I
L = 8mA (unless otherwise specified)
MECHANICAL OUTLINE
TO-257AA
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
PIN CONNECTION
Front View
Pin 1:
Adjust
Pin 2:
Output
Pin 3:
Input
Tab:
Isolated
12 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com