Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM117HVT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # COM117HVT
Description  COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

COM117HVT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  COM117HVT Datasheet HTML 1Page - List of Unclassifed Manufacturers COM117HVT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.3 - 1
3.3
Three Terminal, Precision Adjustable
Positive Voltage Regulator In TO-257 Package
8 09 R0
(COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE
ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTA G E
FEATURES
• High Voltage / 60 Volt
• Built In Thermal Overload Protection
• Short Circuit Current Limiting
DESCRIPTION
These three terminal positive regulators are supplied in hermetically sealed packages.
All protective features are designed into the circuit, including thermal shutdown, cur-
rent-limiting, and safe-area control. With heat sinking, these devices can deliver up to
1.5 amps of output current.
The unit also features output voltages that can be fixed
from 1.2 volts to 57 volts using external resistors.
ABSOLUTE MAXIMUM RATINGS T
c @ 25°C
Power Dissipation
TO-257............................. .... ..........................
. . 20 W Input - Output Voltage Differential................................
. . . . 60 V Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . - 55°C
to + 150°C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65°C
to + 150°C Lead Temperature (Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . 300°C Thermal Resistance, Junction to Case . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . 4.2°C/W Maximum Output Current: . . . . . . . . . . . . . . . . . . . . . . . . .
. ................... 1.5A
Recommended Operating Conditions:
Output VoltageRange.............. .........................1.2to37
VDC
Ambient Operating Temperature Range (T
A)
...... ..............-55°Cto+
125°C
Input VoltageRange .....................................4.25to41.25
VDC
COM117HVT


Similar Part No. - COM117HVT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM117T ETC-COM117T Datasheet
17Kb / 2P
(COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PACKAGE
More results

Similar Description - COM117HVT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1086BC SEMTECH-EZ1086BC Datasheet
70Kb / 5P
1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
COM117T ETC-COM117T Datasheet
17Kb / 2P
(COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PACKAGE
COM137T ETC-COM137T Datasheet
18Kb / 2P
(COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP NEGATIVE, ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PKG
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
OM7646SM ETC1-OM7646SM Datasheet
26Kb / 2P
SURFACE MOUNT POSITIVE ADJUSTABLE 1.5 AMP VOLTAGE REGULATOR
logo
Sensitron
SHD526050 SENSITRON-SHD526050 Datasheet
43Kb / 2P
POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Solid States Devices, I...
SVR117AHV SSDI-SVR117AHV Datasheet
47Kb / 2P
1.5 Amp / 60 Volts POSITIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR117A SSDI-SVR117A Datasheet
66Kb / 2P
1.5 Amp / 40 Volts POSITIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1086C SEMTECH-EZ1086C_06 Datasheet
156Kb / 6P
1.5 Amp Positive Voltage Regulator
EZ1086C SEMTECH-EZ1086C_16 Datasheet
159Kb / 6P
1.5 Amp Positive Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com