Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC437 Datasheet(PDF) 21 Page - Vishay Siliconix

Part # SIC437
Description  Synchronous Buck Regulators 28 V Input, 12 A (SiC437) and 8 A (SiC438)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC437 Datasheet(HTML) 21 Page - Vishay Siliconix

Back Button SIC437 Datasheet HTML 17Page - Vishay Siliconix SIC437 Datasheet HTML 18Page - Vishay Siliconix SIC437 Datasheet HTML 19Page - Vishay Siliconix SIC437 Datasheet HTML 20Page - Vishay Siliconix SIC437 Datasheet HTML 21Page - Vishay Siliconix SIC437 Datasheet HTML 22Page - Vishay Siliconix SIC437 Datasheet HTML 23Page - Vishay Siliconix SIC437 Datasheet HTML 24Page - Vishay Siliconix SIC437 Datasheet HTML 25Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
SiC437, SiC438
www.vishay.com
Vishay Siliconix
S18-0030-Rev. B, 15-Jan-18
21
Document Number: 75921
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PRODUCT SUMMARY
Part number
SiC437A
SiC437B
SiC437C
SiC437D
Description
12 A, 4.5 V to 28 V input,
300 kHz, 500 kHz,
750 kHz, 1 MHz,
Synchronous Buck
Regulator with
Ultrasonic Mode and
Internal 5 V Bias
12 A, 4.5 V to 28 V input,
300 kHz, 500 kHz,
750 kHz, 1 MHz,
Synchronous Buck
Regulator with
Power Save Mode and
Internal 5 V Bias
12 A, 3 V to 28 V input,
300 kHz, 500 kHz,
750 kHz, 1 MHz,
Synchronous Buck
Regulator with
Ultrasonic Mode,
requires external 5 V Bias
12 A, 3 V to 28 V input,
300 kHz, 500 kHz,
750 kHz, 1 MHz,
Synchronous Buck
Regulator with
Power Save Mode,
requires external 5 V Bias
Input voltage min. (V)
4.5
4.5
3
3
Input voltage max. (V)
28
28
28
28
Output voltage min. (V)
0.6
0.6
0.6
0.6
Output voltage max. (V)
0.9 x VIN
0.9 x VIN
0.9 x VIN
0.9 x VIN
Continuous current (A)
12
12
12
12
Switch frequency min. (kHz)
300
300
300
300
Switch frequency max. (kHz)
1000
1000
1000
1000
Pre-bias operation (yes / no)
Yes
Yes
Yes
Yes
Internal bias reg. (yes / no)
Yes
Yes
No
No
Compensation
Internal
Internal
Internal
Internal
Enable (yes / no)
Yes
Yes
Yes
Yes
PGOOD (yes / no)
Yes
Yes
Yes
Yes
Over current protection
Yes
Yes
Yes
Yes
Protection
OVP, OCP, UVP/SCP,
OTP, UVLO
OVP, OCP, UVP/SCP,
OTP, UVLO
OVP, OCP, UVP/SCP,
OTP, UVLO
OVP, OCP, UVP/SCP,
OTP, UVLO
Light load mode
Selectable ultrasonic
Selectable powersave
Selectable ultrasonic
Selectable powersave
Peak efficiency (%)
97
97
97
97
Package type
PowerPAK MLP44-24L
PowerPAK MLP44-24L
PowerPAK MLP44-24L
PowerPAK MLP44-24L
Package size (W, L, H) (mm)
4 x 4 x 0.75
4 x 4 x 0.75
4 x 4 x 0.75
4 x 4 x 0.75
Status code
111
1
Product type
microBUCK
(step down regulator)
microBUCK
(step down regulator)
microBUCK
(step down regulator)
microBUCK
(step down regulator)
Applications
Computing, consumer,
industrial, healthcare,
networking
Computing, consumer,
industrial, healthcare,
networking
Computing, consumer,
industrial, healthcare,
networking
Computing, consumer,
industrial, healthcare,
networking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com