Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC6D103 Datasheet(PDF) 73 Page - SMSC Corporation

Part # EMC6D103
Description  FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 73 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 69Page - SMSC Corporation EMC6D103 Datasheet HTML 70Page - SMSC Corporation EMC6D103 Datasheet HTML 71Page - SMSC Corporation EMC6D103 Datasheet HTML 72Page - SMSC Corporation EMC6D103 Datasheet HTML 73Page - SMSC Corporation EMC6D103 Datasheet HTML 74Page - SMSC Corporation EMC6D103 Datasheet HTML 75Page - SMSC Corporation EMC6D103 Datasheet HTML 76Page - SMSC Corporation EMC6D103 Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
73
Revision 0.4 (04-04-05)
DATASHEET
■
TACH1, TACH2, TACH3, TACH4
■
PWM2, PWM3
Since the test mode is XOR tree, the order of the signals in the tree is not important. SDA and SCL
are not included in the test tree.
8.2.22
Register 79h: SMSC Test Register
This is a read/write register. Writing this register may produce unwanted results.
This register becomes read only when the Lock bit is set. Any further attempts to write to this register
shall have no effect.
8.2.23
Register 7Ah: SMSC Test Register
This is a read/write register. Writing this register may produce unwanted results.
8.2.24
Register 7Bh: SMSC Test Register
This is a read/write register. Writing this register may produce unwanted results.
These registers become read only when the Lock bit is set. Any further attempts to write to these
registers shall have no effect.
8.2.25
Register 7Ch: Special Function Register
This register becomes read only when the Lock bit is set. Any further attempts to write to this register
shall have no effect.
Table 8.39 Register 79h: SMSC Test Register
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
79h
R/W
SMSC Test Register
TST7
TST6
TST5
TST4
TST3
TST2
TST1
TST0
00h
Table 8.40 Register 7Ah: SMSC Test Register
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
7Ah
R
SMSC Test Register
RES
TST6
TST5
TST4
TST3
TST2
TST1
TST0
00h
Table 8.41 Register 7Bh: SMSC Test Register
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
7Bh
R/W
SMSC Test Register
TST7
TST6
TST5
TST4
TST3
TST2
TST1
TST0
00h
Table 8.42 Register 7Ch: Special Function Register
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
7Ch
R/W
Special Function
AVG2
AVG1
AVG0
SMSC
SMSC
INTEN
MONMD
LPMD
40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com