Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC6D103 Datasheet(PDF) 85 Page - SMSC Corporation

Part # EMC6D103
Description  FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 85 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 81Page - SMSC Corporation EMC6D103 Datasheet HTML 82Page - SMSC Corporation EMC6D103 Datasheet HTML 83Page - SMSC Corporation EMC6D103 Datasheet HTML 84Page - SMSC Corporation EMC6D103 Datasheet HTML 85Page - SMSC Corporation EMC6D103 Datasheet HTML 86Page - SMSC Corporation EMC6D103 Datasheet HTML 87Page - SMSC Corporation EMC6D103 Datasheet HTML 88Page - SMSC Corporation EMC6D103 Datasheet HTML 89Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 85 / 89 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
85
Revision 0.4 (04-04-05)
DATASHEET
Chapter 10 Mechanical Specifications
Figure 10.1 24-Pin SSOP Package Outline, 0.150” Wide Body, 0.025” Pitch
Notes:
1. Controlling Unit: inch.
2. Tolerance on the true position of the leads is ± 0.0035 inches maximum.
3. Package body dimensions D and E1 do not include the mold protrusion. Maximum mold protrusion
is 0.006 inches for ends, and 0.010 inches for sides.
4. Dimension for foot length L measured at the gauge plane 0.010 inches above the seating plane.
5. Details of pin 1 identifier are optional but must be located within the zone indicated.
Table 10.1 24-Pin SSOP Package Parameters
MIN
NOMINAL
MAX
REMARKS
A
0.053
~
0.069
Overall Package Height
A1
0.004
~
0.010
Standoff
A2
~
~
0.061
Body Thickness
D
0.337
~
0.344
X Body Size
E
0.228
~
0.244
Y Span
E1
0.150
~
0.157
Y body Size
H
0.007
~
0.010
Lead Frame Thickness
L
0.016
0.025
0.050
Lead Foot Length
e
0.025 Basic
Lead Pitch
è
0o
~8o
Lead Foot Angle
W
0.008
0.010
0.012
Lead Width
ccc
~
~
0.004
Coplanarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com