Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP03N90P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP03N90P
Description  N-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP03N90P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP03N90P Datasheet HTML 1Page - IXYS Corporation IXTP03N90P Datasheet HTML 2Page - IXYS Corporation IXTP03N90P Datasheet HTML 3Page - IXYS Corporation IXTP03N90P Datasheet HTML 4Page - IXYS Corporation IXTP03N90P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTY03N90PHV
IXTP03N90P
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
7,005,734B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
7,063,975B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728B1
6,583,505
6,710,463
6,771,478B2 7,071,537
Note 1. Pulse test, t
 300s, duty cycle, d 2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
g
fs
V
DS = 50V, ID = 0.5 • ID25, Note 1
85
140
mS
C
iss
80.0
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
6.3
pF
C
rss
1.7
pF
t
d(on)
7
ns
t
r
20
ns
t
d(off)
26
ns
t
f
38
ns
Q
g(on)
4.0
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
0.4
nC
Q
gd
2.4
nC
R
thJC
4.4
C/W
R
thCS
TO-220
0.50
C/W
Resistive Switching Times
V
GS = 10V, VDS = 50V, ID = 0.5 • ID25
R
G = 50(External)
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experi-
ence, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
I
S
V
GS = 0V
0.3
A
I
SM
Repetitive, pulse Width Limited by T
JM
1.2
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.4
V
t
rr
280
ns
Q
RM
0.9
μC
I
RM
6.5
A
I
F = 1A, -di/dt = 100A/μs
V
R = 100V
TO-220 Outline
1 - Gate
2,4 - Drain
3 - Source























1 - Gate
2 - Source
3 - Drain
TO-252HV Outline



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com