Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP03N90P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTP03N90P
Description  N-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP03N90P Datasheet(HTML) 3 Page - IXYS Corporation

  IXTP03N90P Datasheet HTML 1Page - IXYS Corporation IXTP03N90P Datasheet HTML 2Page - IXYS Corporation IXTP03N90P Datasheet HTML 3Page - IXYS Corporation IXTP03N90P Datasheet HTML 4Page - IXYS Corporation IXTP03N90P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
IXTY03N90PHV
IXTP03N90P
Fig. 1. Output Characteristics @ TJ = 25
oC
0
50
100
150
200
250
300
0
5
10
15
20
25
30
VDS - Volts
VGS = 10V
4V
3V
5V
Fig. 3. Output Characteristics @ TJ = 125
oC
0
50
100
150
200
250
300
0
1020
30405060
VDS - Volts
VGS = 10V
3V
2V
4V
5V
Fig. 4. RDS(on) Normalized to ID = 150mA Value vs.
Junction Temperature
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 150mA
I D = 300mA
Fig. 5. RDS(on) Normalized to ID = 150mA Value vs.
Drain Current
0
1
2
3
4
5
6
0
100
200
300
400
500
600
700
800
ID - MilliAmperes
VGS = 10V
TJ = 125
oC
TJ = 25
oC
Fig. 2. Extended Output Characteristics @ TJ = 25
oC
0
100
200
300
400
500
600
700
800
0
50
100
150
200
250
300
VDS - Volts
VGS = 10V
6V
5V
3V
4V
Fig. 6. Normalized Breakdown & Threshold Voltages
vs. Junction Temperature
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-60
-40
-20
0
20
40
60
80
100
120
140
160
TJ - Degrees Centigrade
BVDSS
VGS(th)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com