Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SiP12110DB Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SiP12110DB
Description  6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP12110DB Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SiP12110DB Datasheet HTML 8Page - Vishay Siliconix SiP12110DB Datasheet HTML 9Page - Vishay Siliconix SiP12110DB Datasheet HTML 10Page - Vishay Siliconix SiP12110DB Datasheet HTML 11Page - Vishay Siliconix SiP12110DB Datasheet HTML 12Page - Vishay Siliconix SiP12110DB Datasheet HTML 13Page - Vishay Siliconix SiP12110DB Datasheet HTML 14Page - Vishay Siliconix SiP12110DB Datasheet HTML 15Page - Vishay Siliconix SiP12110DB Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SiP12110
www.vishay.com
Vishay Siliconix
S14-1891-Rev. A, 15-Sep-14
13
Document Number: 64299
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CASE OUTLINE
Notes
(1) Use millimeters as the primary measurement.
(2) Dimensioning and tolerances conform to ASME Y14.5M. - 1994.
(3) N is the number of terminals. Nd and Ne is the number of terminals in each D and E site respectively.
(4) Dimensions b applies to plated terminal and is measured between 0.15 mm and 0.30 mm from terminal tip.
(5) The pin 1 identifier must be existed on the top surface of the package by using identification mark or other feature of package body.
(6) Package warpage max. 0.05 mm.
DIMENSION
MILLIMETERS (1)
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.75
0.85
0.95
0.029
0.033
0.037
A1
0
-
0.05
0
-
0.002
A3
0.20 ref.
0.001 ref.
b
0.18
0.25
0.30
0.007
0.010
0.012
D
3.00 BSC
0.118 BSC
D2
1.5
1.6
1.7
0.059
0.063
0.067
e
0.50 BSC
0.020 BSC
E
3.00 BSC
0.118 BSC
E2
1.5
1.6
1.7
0.059
0.063
0.067
L
0.3
0.4
0.5
0.012
0.016
0.020
N (3)
16
16
Nd (3)
44
Ne (3)
44
Bottom view
Top view
Side view
(4) Terminal tip
Pin 1 location
indentifier
(5) Pin 1 dot by marking
3 x e
e
b
Seating
plane
E2
C
5
6
7
8
16
15
14 13
4
3
2
1
9
10
11
12
4
3
2
D
D2
D/2
E/2
E
L
A1
A
1
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com