Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SiP12110DB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SiP12110DB
Description  6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP12110DB Datasheet(HTML) 3 Page - Vishay Siliconix

  SiP12110DB Datasheet HTML 1Page - Vishay Siliconix SiP12110DB Datasheet HTML 2Page - Vishay Siliconix SiP12110DB Datasheet HTML 3Page - Vishay Siliconix SiP12110DB Datasheet HTML 4Page - Vishay Siliconix SiP12110DB Datasheet HTML 5Page - Vishay Siliconix SiP12110DB Datasheet HTML 6Page - Vishay Siliconix SiP12110DB Datasheet HTML 7Page - Vishay Siliconix SiP12110DB Datasheet HTML 8Page - Vishay Siliconix SiP12110DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SiP12110
www.vishay.com
Vishay Siliconix
S14-1891-Rev. A, 15-Sep-14
3
Document Number: 64299
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Tie VCC to VIN when VIN < 5.5 V.
RECOMMENDED OPERATING RANGE (all voltages referenced to GND = 0 V)
ELECTRICAL PARAMETER
MINIMUM
TYPICAL
MAXIMUM
UNIT
VIN
4.5
-
15
V
VCC
4.5
-
5.5
VOUT
0.6
-
5.5
TEMPERATURE
Recommended Ambient Temperature
-40 to 85
°C
Operating Junction Temperature
-40 to 125
ELECTRICAL SPECIFICATIONS (test condition unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
VIN = 12 V, TA = -40 °C to 85 °C
LIMITS
UNIT
MIN.
TYP.
MAX.
POWER SUPPLY
Power Input Voltage Range
VIN
Note 1
4.5
-
15
V
VCC Regulator Voltage
VCC
4.555.5
Input Current
IVIN_NOLOAD
TA = 25 °C, Ron = 75 k
Ω,
Non-switching, IO = 0 A
-1.2
-
mA
Shutdown Current
IVIN_SHDN
EN = 0 V
-
5
8
μA
VCC UVLO Threshold
VCC_UVLO
VCC rising
2.3
2.55
2.8
V
VCC UVLO Hysteresis
VCC_UVLO_HYS
-
300
-
mV
CONTROLLER AND TIMING
Feedback Reference
VFB
TA = 25 °C
0.596
0.600
0.604
V
TA = -40 °C to +85 °C
0.594
0.600
0.606
VFB Input Bias Current
IFB
-
2
200
nA
Transconductance
gm
-1-
mS
COMP Source Current
ICOMP_SOURCE
-50-
μA
COMP Sink Current
ICOMP_SINK
-50-
On-Time
tON
Ron = 75 k
Ω
100
135
170
ns
Minimum Off-Time
tOFF_MIN.
145
200
255
Soft Start Current
ISS
357
μA
POWER MOSFETS
High-Side On Resistance
RON_HS
VGS = 5 V
-45
67
m
Ω
Low-Side On Resistance
RON_LS
-27
41
FAULT PROTECTIONS
Over Current Limit
IOCP
Inductor valley current
-
7.5
-
A
Output OVP Threshold
VFB_OVP
VFB with respect to 0.6 V reference
-21-
%
Output UVP Threshold
VFB_UVP
--65
-
Over Temperature Protection
Rising temperature
-
160
-
°C
Hysteresis
-
35
-
POWER GOOD
Power Good Output Threshold
VFB_RISING_VTH_OV
VFB rising above 0.6 V reference
-
21
-
%
VFB_FALLING_VTH_UV
VFB falling below 0.6 V reference
-
-12.5
-
Power Good On Resistance
RON_PGOOD
-30
60
Ω
Power Good Delay Time
tDLY_PGOOD
-5-
μs
ENABLE THRESHOLD
Logic High Level
VEN_H
1.5
-
-
V
Logic Low Level
VEN_L
--
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com