Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM12434CIWM Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12434CIWM
Description  Sign Data Acquisition System with Serial I/O and Self-Calibration
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12434CIWM Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM12434CIWM Datasheet HTML 18Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 19Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 20Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 21Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 22Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 23Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 24Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 25Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
40 Typical Performance Characteristics (Continued)
The following curves apply for 12-bit a sign mode after auto-calibration unless otherwise specified
RS e 50X TA e 25 C VAa e VDa e 5V VREF e 4096V fCLK e 8 MHz fSCLK e 10 MHz VIN e g4096V
x0 dB
Sampling Rate e 1333 kHz
vs Input Frequency
Bipolar Signal-to-Noise Ratio
Input Frequency
a
Distortion vs
Bipolar Signal-to-Noise
Distortion vs Input Frequency
Bipolar Total Harmonic
vs Input Frequency
Dynamic Range
Bipolar Spurious Free
Sine Wave at 0 dB
with 1025 kHz
Bipolar Spectral Response
Sine Wave at 0 dB
with 10010 kHz
Bipolar Spectral Response
Sine Wave at 0 dB
with 40283 kHz
Bipolar Spectral Response
Sine Wave at b05 dB
with 40283 kHz
Bipolar Spectral Response
Sine Wave at b10 dB
with 40283 kHz
Bipolar Spectral Response
with 6225 kHz
Bipolar Spectral Response
Sine Wave at 0 dB
TLH11879 – 25
Bipolar Two Tone Spectral
Response with f1 e 19190 kHz and
f2 e 19482 kHz Sine Waves
TLH11879 – 26
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com