Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM12434CIWM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12434CIWM
Description  Sign Data Acquisition System with Serial I/O and Self-Calibration
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12434CIWM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM12434CIWM Datasheet HTML 2Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 3Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 4Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 5Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 6Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 7Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 8Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 9Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
20 Electrical Specifications (Continued)
221 Converter Static Characteristics
The following specifications apply to the LM12434 and LM12 L 438 for VAa e
VDa e 5V 33V AGND e DGND e 0V VREFa e 4096V 25V VREFb e 0V 12-bit a sign conversion mode fCLK e
80 MHz
6 MHz
RS e 25X source impedance for VREFa and VREFb s 25X fully-differential input with fixed 2048V
125V common-mode voltage and minimum acquisition time unless otherwise specified Boldface limits apply for TA e
TJ e TMIN to TMAX all other limits TA e TJ e 25 C (Notes 6 7 8 and 9) (Continued)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 10)
(Note 11)
(Limit)
DNL
8-Bit a Sign and ‘‘Watchdog’’ Mode
g
015
g
12
LSB (max)
Differential Non-Linearity
8-Bit a Sign and ‘‘Watchdog’’ Mode
After Auto-Zero
g
005
g
12
LSB (max)
Zero Error
8-Bit a Sign and ‘‘Watchdog’’ Positive
g
01
g
12
LSB (max)
and Negative Full-Scale Error
8-Bit a Sign and ‘‘Watchdog’’ Mode
g
18
LSB
DC Common Mode Error
Multiplexer Channel-to-Channel
g
005
LSB
Matching
VINa
Non-Inverting
GND
V (min)
Input Range
VAa
V (max)
VINb
Inverting
GND
V (min)
Input Range
VAa
V (max)
VINa b VINb Differential Input Voltage Range
b
VAa
V (min)
VAa
V (max)
VINa b VINb
2
Common Mode Input Voltage Range
GND
V (min)
VAa
V (max)
PSS
Power Supply
Zero Error VAa e VDa e 5V g10%
g
005
g
10
LSB (max)
Sensitivity
Full-Scale Error VREFa e 4096V VREFb e GND
g
025
g
15
LSB (max)
(Note 15)
Linearity Error
g
02
LSB
CREF
VREFa VREFb Input Capacitance
85
pF
CIN
Selected Multiplexer Channel Input
75
pF
Capacitance
222 Converter Dynamic Characteristics
The following specifications apply only to the LM12434 and LM12438 for VAa e
VDa e 5V AGND e DGND e 0V VREFa e 4096V VREFb e 0V 12-bit a sign conversion mode fCLK e 80 MHz
throughput rate e 1333 kHz RS e 25X source impedance for VREFa and VREFb s 25X fully-differential input with fixed
2048V 125V common-mode voltage and minimum acquisition time unless otherwise specified Boldface limits apply
for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C (Notes 6 7 8 and 9)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 10)
(Note 11)
(Limit)
CLK Duty Cycle
50
%
40
% (min)
60
% (max)
tC
Conversion Time
13-Bit Resolution
44 (tCLK)
44 (tCLK) a 50 ns
(max)
Sequencer State S5
(Figure 10)
9-Bit Resolution
21 (tCLK)
21 (tCLK) a 50 ns
(max)
Sequencer State S5
(Figure 10)
tA
Acquisition Time
Sequencer State S7
(Figure 10)
tCLK e CLK Period
(Programmable)
Minimum for 13-Bits
9 (tCLK)
9(tCLK) a 50 ns
(max)
Maximum for 13-Bits (D e 15)
39 (tCLK)
39 (tCLK) a 50 ns
(max)
Minimum for 9-Bits
(Figure 10)
2(tCLK)
2(tCLK) a 50 ns
(max)
Maximum for 9-Bits (D e 15)
2 (tCLK)
32 (tCLK) a 50 ns
(max)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com