Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC646 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC646
Description  Non-Inverting Octal Bus Transceiver/Registers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC646 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54HC646 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC646 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC646 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC646 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC646 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC646 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Truth Table (Continued)
Inputs
Data IO
Operation or Function
G
DIR
CAB
CBA
SAB
SBA
A1 Thru A8
B1 Thru B8
’ALS646 ’ALS647
’ALS648 ’ALS649
’AS646
’AS648
LL
X
X
X
L
Output
Input
Real-Time B Data to A Bus
Real-Time B Data to A Bus
L
L
X
X
X
H
Stored B Data to A Bus
Stored B Data to A Bus
LH
X
X
L
X
Input
Output
Real-Time A Data to B Bus
Real-Time A Data to B Bus
L
H
X
X
H
X
Stored A Data to B Bus
Stored A Data to B Bus
H e High Level L e Low Level X e Irrelevant
u e low-to-high level transition
The data output functions ie data at the bus pins may be enabled or disabled by various signals at the G and DIR inputs Data input functions are always enabled
The data output functions ie data at the bus pins will be stored on every low-to-high transition on the clock inputs
AC Electrical Characteristics MM54HC646MM74HC646 MM54HC648MM74HC648
VCCe5V TAe25 C tretfe6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Operating
MHz
Frequency
tPHL tPLH
Maximum Propagation
CLe
pF
ns
Delay A or B Input
to B or A Output
tPHL tPLH
Maximum Propagation
CLe
pF
ns
Delay CBA or CAB
Input to A or B Output
tPHL tPLH
Maximum Propagation
CLe
pF
ns
Delay SBA or SAB Input to A
or B Output with A or B high
tPHL tPLH
Maximum Propagation
CLe
pF
ns
Delay SBA or SAB Input to A
or B Output with A or B low
tPZH tPZL
Maximum Enable
RLe kX
ns
Time G or DIR Input to
CLe
pF
A or B Output
tPHZ tPLZ
Maximum Disable
RLe kX
ns
Time G or DIR Input to
CLe pF
A or B Output
AC Electrical Characteristics MM54HC646MM74HC646 MM54HC648MM74HC648
VCCe20–60V CLe50 pF tretfe6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C
Units
Typ
Guaranteed Limits
fMAX
Maximum Operating
CLe
pF
V
MHz
Frequency
V
MHz
V
MHz
tPHL tPLH
Maximum Propagation
CLe
pF
V
ns
Delay A or B Input
CLe
pF
V
ns
to B or A Output
CLe
pF
V
ns
CLe
pF
V
ns
CLe
pF
V
ns
CLe
pF
V
ns
tPHL tPLH
Maximum Propagation
CLe
pF
V
ns
Delay CBA or CAB
CLe
pF
V
ns
Input to A or B Output
CLe
pF
V
ns
CLe
pF
V
ns
CLe
pF
V
ns
CLe
pF
V
ns
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com