Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC646 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC646
Description  Non-Inverting Octal Bus Transceiver/Registers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC646 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC646 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC646 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC646 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC646 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC646 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC646 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5345
January 1988
MM54HC646MM74HC646 Non-Inverting
Octal Bus TransceiverRegisters
MM54HC648MM74HC648
Inverting Octal Bus TransceiverRegisters
General Description
These transceivers utilize advanced silicon-gate CMOS
technology and contain two sets of TRI-STATE
outputs
two sets of D-type flip-flops and control circuitry designed
for high speed multiplexed transmission of data
Six control inputs enable this device to be used as a latched
transceiver unlatched transceiver or a combination of both
As a latched transceiver data from one bus is stored for
later retrieval by the other bus Alternately real time bus
data (unlatched) may be directly transferred from one bus to
another
Circuit operation is determined by the G DIR CAB CBA
SAB SBA control inputs The enable input G controls
whether any bus outputs are enabled The direction control
DIR determines which bus is enabled and hence the direc-
tion data flows The SAB SBA inputs control whether the
latched data (stored in D type flip flops) or the bus data
(from other bus input pins) is transferred Each set of flip-
flops has its own clock CAB and CBA for storing data Data
is latched on the rising edge of the clock
Each output can drive up to 15 low power Schottky TTL
loads These devices are functionally and pin compatible to
their LS-TTL counterparts All inputs are protected from
damage due to static discharge by diodes to VCC and
ground
Features
Y
Typical propagation delay 14 ns
Y
TRI-STATE outputs
Y
Bidirectional communication
Y
Wide power supply range 2 – 6V
Y
Low quiescent supply current 160 mA
maximum (74HC)
Y
High output current 6 mA (74HC)
Connection Diagram
Dual-In-Line Package
TLF5345 – 2
Order Number MM54HC646648 or
MM74HC646648
TLF5345 – 1
Real-Time Transfer
Bus B to Bus A
Real-Time Transfer
Bus A to Bus B
Storage from
A B or A and B
Transfer Stored Data
toAorB
TRI-STATE
is a registered trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC646

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC640 NSC-MM54HC640 Datasheet
145Kb / 6P
Inverting Octal TRI-STATE Transceiver
MM54HC640J NSC-MM54HC640J Datasheet
145Kb / 6P
Inverting Octal TRI-STATE Transceiver
MM54HC643 NSC-MM54HC643 Datasheet
145Kb / 6P
Inverting Octal TRI-STATE Transceiver
MM54HC643J NSC-MM54HC643J Datasheet
145Kb / 6P
Inverting Octal TRI-STATE Transceiver
More results

Similar Description - MM54HC646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F621 PHILIPS-74F621 Datasheet
77Kb / 10P
Octal bus transceiver, non-inverting open collector
1996 Jan 05
MB2652 PHILIPS-MB2652 Datasheet
162Kb / 15P
Dual octal transceiver/registers, non-inverting 3-State
August 23, 1993
logo
Texas Instruments
CD54-74AC623 TI-CD54-74AC623 Datasheet
487Kb / 12P
OCTAL-BUS TRANSCEIVER,3-STATE, NON-INVERTING
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Intersil Corporation
CD54AC245 INTERSIL-CD54AC245 Datasheet
11Kb / 1P
Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
CD54ACT623F3A INTERSIL-CD54ACT623F3A Datasheet
17Kb / 3P
Octal Bus Transceiver Three-State, Non-Inverting
July 1998
logo
Texas Instruments
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245_07 Datasheet
437Kb / 16P
Octal-Bus Transceiver Three-State, Non-Inverting
CD54AC245 TI-CD54AC245_08 Datasheet
467Kb / 16P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC646 TI1-CD54AC646_15 Datasheet
909Kb / 14P
Octal-Bus Transceiver/Registers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com