Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT212 Datasheet(PDF) 1 Page - International Rectifier

Part # PVT212
Description  Power MOSFET Photovoltaic Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT212 Datasheet(HTML) 1 Page - International Rectifier

  PVT212 Datasheet HTML 1Page - International Rectifier PVT212 Datasheet HTML 2Page - International Rectifier PVT212 Datasheet HTML 3Page - International Rectifier PVT212 Datasheet HTML 4Page - International Rectifier PVT212 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet No. PD10061
Series PVT212
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single Pole, Normally Open,
0-150V, 550mA AC / 825mA DC
General Description
The PVT212 Series Photovoltaic Relay is a single-pole,
normally open solid-state relay that can replace
electromechanical relays in many applications. It
utilizes International Rectifier’s proprietary HEXFET
power MOSFET as the output switch, driven by an
integrated circuit photovoltaic generator of novel
construction. The output switch is controlled by
radiation from a GaAlAs light emitting diode (LED)
which is optically isolated from the photovoltaic
generator.
These SSRs are specifically designed for industrial
control and peripheral telecom applications. Series
PVT212 Relays are packaged in a 6-lead molded
DIP package with either thru-hole or surface mount
(‘gull-wing’) terminals. It iss available in standard
plastic shipping tubes or on tape-and-reel. Please
refer to part identification information
.
Applications
! Control of AC (up to 90 VAC) industrial
loads
! Control of DC industrial loads up to
+/-120 VDC
! Telecom line switching
Part Identification
PVT212
thru-hole
PVT212S
surface-mount
PVT212S-T
surface-mount, Tape and Reel
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Features
!
HEXFET Power MOSFET output
!
Bounce-free operation
!
4,000 VRMS I/O isolation
!
Very low on-resistance (RDD-ON)
!
Linear AC/DC operation
!
Solid-State Reliability
!
UL recognition pending
!
ESD Tolerance:
4000V Human Body Model
500V Machine Model
www.irf.com
1


Similar Part No. - PVT212

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT212PBF IRF-PVT212PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-150V, 550mA AC / 825mA DC
PVT212PBF IRF-PVT212PBF Datasheet
198Kb / 6P
Bounce-free operation
PVT212PBF IRF-PVT212PBF_15 Datasheet
198Kb / 6P
Bounce-free operation
PVT212SPBF IRF-PVT212SPBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-150V, 550mA AC / 825mA DC
More results

Similar Description - PVT212

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT312LS-T IRF-PVT312LS-T Datasheet
118Kb / 5P
Microelectronic Power IC Power MOSFET Photovoltaic Relay
PVN013 IRF-PVN013 Datasheet
121Kb / 5P
HEXFET POWER MOSFET PHOTOVOLTAIC RELAY
PVAZ172NPBF IRF-PVAZ172NPBF Datasheet
1Mb / 5P
Power MOSFET Photovoltaic Relay Single Pole, Normally Open
PVN012APBF IRF-PVN012APBF_07 Datasheet
298Kb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay
65336 IRF-65336 Datasheet
254Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay
PVN012PBF IRF-PVN012PBF Datasheet
1Mb / 5P
Series PVN012PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
PVT312LPBF IRF-PVT312LPBF Datasheet
1Mb / 5P
Series PVT312PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
PVN013PBF IRF-PVN013PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay HEXFET짰 Power MOSFET Photovoltaic Relay
PVAZ172NS IRF-PVAZ172NS Datasheet
602Kb / 5P
HEXFET Power MOSFET Photovoltaic Relay
logo
Sanyou Corporation Limi...
SLE SANYOU-SLE Datasheet
157Kb / 3P
Photovoltaic Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com