Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPOS-211 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UPOS-211
Description  15" Ubiquitous POS Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UPOS-211 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UPOS-211 Datasheet HTML 1Page - Advantech Co., Ltd. UPOS-211 Datasheet HTML 2Page - Advantech Co., Ltd. UPOS-211 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
UPOS-211 Series
Specifications
Model
UPOS-211D
UPOS-211F
Processor
Intel Bay Trail Quad Core J1900, 2GHz up to 2.42GHz
Skylake-U, i5-6300U/CORE i3-6100U/Celeron 3955U
Memory
Up to 8GB DDR3L-1333
Up to 16GB
SO
-DDR4-2133
Storage
1 x 2.5" SATA HDD/SSD connector, SATA2 (3.0Gb/S)
1 x 2.5" SATA HDD/SSD connector, SATA3 (6.0Gb/S)
Panel
15" TFT LCD Display (1024 x 768), 250 cd/m2
Touch Screen
15", Analog Resistive 5-wires (Res. Flat Glass) / Projected Capacitive Touch Panel (PCAP. Flat Glass)
Light Transmission: Res. Touch 80% +/-5% / Pcap Touch 85%+/-3%
Bus Expansion
1 x Mini PCIe (for Wifi or 3G), shared with mini SATA connector
Audio
1 x 2W speaker installed. 1 x Line out & 1 x Mic in (Optional)
Power Supply
60W power adapter
Serial Port
2 x COM RS232 ports on I/O board via RJ-48 connector, COM1 / COM2 support 5V & 12V by order
Internal: 4 x COM port, COM3 for 5W Res. touch, COM4, COM5 support 5V &12V by order, COM6 no power
USB Port
External: 2 x USB2.0; 1 x USB3.0; Internal: 3 x USB2.0 (1x
USB for PCAP touch)
External: 2 x USB3.0, 1 x USB2.0; Internal: 3 x USB2.0
(1 x USB for PCAP touch)
Ethernet
LAN controller: Realtek RTL8111G-CG, 1x RJ-45 Gigabit Ethernet
LAN controller: Intel WGI219LM, 1x RJ-45 Gigabit Ethernet
Display Output
1 x VGA, 1 x DP
Cash Drawer
1 x RJ11, cash drawer,
24V default, 12V by order
PS2
1 x PS2 (optional)
Parallel Port
1 x LPT (optional)
IP65
IP65 front panel protection
Dimension (W x H x D)
354(W) x 327(H) x 237(D)mm, Stand: 237 x 200 mm
Weight
5.2KG (Net weight) / 6.9KG (Gross weight)
Operating Temp.
0 ~ 40° C
Relative Humidity
10 ~ 90% @ 40° C
Shock
10G peak acceleration (11ms duration)
Vibration
5~500Hz 0.5Grms, random
EMC / Safety
CE, CCC, UL, FCC, CB/LVD, VCCI, BSMI
OS Support
POSReady 7, Windows 7 Pro, Windows 8.1 Pro (64-bit), Windows 10 IoT Enterprise, Linux Kernel 3.13 or above
Android 4.4 (UPOS-211D series supports Android; UPOS-211F series does not support Android)
Dimensions
Unit: mm
237
21
354
200



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com