Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPOS-211 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UPOS-211
Description  15" Ubiquitous POS Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UPOS-211 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UPOS-211 Datasheet HTML 1Page - Advantech Co., Ltd. UPOS-211 Datasheet HTML 2Page - Advantech Co., Ltd. UPOS-211 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POS Terminals
Features
UPOS-211 Series
15" Ubiquitous POS Terminal
UPOS-211D with Intel® BayTrail J1900
UPOS-211F with Intel® Skylake Core i3 /
i5 / Celeron
ƒ 15" TFT LCD (LED backlight) with 5 wire Resistive or PCAP
Touch
ƒ Built in Intel Baytrail J1900 or Skylake-U
ƒ Stylish design with dual hinge, thinner boarder, slim screen
ƒ Clear Cable Management
ƒ Low power & fanless operation without heat ventilation holes
ƒ Easy access to key components
ƒ Easy peripheral mount design integrated
ƒ Device Options: 2nd Display, MSR, VFD, RFID, Barcode Scanner
Introduction
UPOS-211 is an All-in-One POS System with 15" true-flat PCAP touch or 5 wire Resistive touch. It is with Intel Baytrail or Skylake-U processor, fanless design with quiet operation
and energy saving. It features dual hinge design which provides the smallest footprint to save counter space and reduce shipment freight. It provides easy access to key components.
UPOS-211 supports both Windows and Android OS, and the front panel is with IP65 design, supports water and dust resistance, specific designed for Mini market store, Food
merchandise, Convenience store, Specialty store. UPOS-211 is with the most competitive cost, and energy effective platform built for retail and hospitality.
Foldable design with dual hinge
Easy Access to USB Port
Tilt motion, 0~90 °C Freestyle rotation
Wall Mount,via VESA mount kit
Features Highlight
ƒ 1xUSB port on backside
w/ rubber cover
ƒ Screwed bracket design
for USB port to ensure
data security (Optional)
Easy Access
USB port
All product specifications are subject to change without notice, * identify as optional function
Last updated : 5-May-2017


Similar Part No. - UPOS-211

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UPOS-211 ADVANTECH-UPOS-211 Datasheet
253Kb / 1P
VFD, rear mount for UPOS-211
19-Nov-2017
More results

Similar Description - UPOS-211

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PA-3320 PROTECHSYSTEMS-PA-3320 Datasheet
557Kb / 2P
Highly Integrated 15" POS Terminal
PA-3350 PROTECHSYSTEMS-PA-3350 Datasheet
559Kb / 2P
High Performance with Highly Integrated 15" POS Terminal
PA-6223 PROTECHSYSTEMS-PA-6223 Datasheet
578Kb / 2P
The 15 Waterproof True Flat Touch POS Terminal
PA-6822 PROTECHSYSTEMS-PA-6822 Datasheet
1Mb / 2P
The One-of-a-kind Highly Integrated 15 POS Terminal
PA-6970 PROTECHSYSTEMS-PA-6970 Datasheet
874Kb / 2P
High Performance 15 Pos Terminal
POS-6510 PROTECHSYSTEMS-POS-6510 Datasheet
616Kb / 2P
The Fanless Highly Integrated & Performance 15 POS Terminal
POS-6920 PROTECHSYSTEMS-POS-6920 Datasheet
511Kb / 2P
The Fanless 15" True Flat Touch POS Terminal
logo
Advantech Co., Ltd.
CM-5500-AR70 ADVANTECH-CM-5500-AR70 Datasheet
636Kb / 1P
15' Chameleon POS Terminal With Intel Haswell
UPOS-315 ADVANTECH-UPOS-315 Datasheet
1Mb / 3P
15" Ubiquitous POS Terminal
logo
BCM Advanced Research.
RIVAR-1501 BCM-RIVAR-1501 Datasheet
1Mb / 2P
15” Versatile All-in-One POS Terminal
2020/11/02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com