Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPOS-315A-R0W0E Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # UPOS-315A-R0W0E
Description  15" Ubiquitous POS Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UPOS-315A-R0W0E Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  UPOS-315A-R0W0E Datasheet HTML 1Page - Advantech Co., Ltd. UPOS-315A-R0W0E Datasheet HTML 2Page - Advantech Co., Ltd. UPOS-315A-R0W0E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POS Terminals
Ordering Information
Part No.
Description
UPOS-3150-RHW0E
15", 5W Res, TFlat, J1900, Fanless, 2GDDR, 64GSSD,
Whi
UPOS-3150-RHB0E
15", 5W Res, TFlat, J1900, Fanless, 2GDDR, 64GSSD, Blk
UPOS-3150-R0W0E
15", 5W Res, TrueFlat, J1900, Fanless, 60W, White
UPOS-3150-R0B0E
15", 5W Res, TrueFlat, J1900, Fanless, 60W, Black
UPOS-3150-P0W0E
15",PCAP,TrueFlat,J1900,Fanless,60W,White
UPOS-3150-P0B0E
15",PCAP,TrueFlat,J1900,Fanless,60W,Black
UPOS-315A-R0W0E
15",5W Res,TFlat,i3-4010U,Fanless,60W,White
UPOS-315A-R0B0E
15",5W Res,TFlat,i3-4010U,Fanless,60W,Black
UPOS-315A-P0W0E
15",PCAP,TrueFlat,i3-4010U,Fanless,60W,White
UPOS-315A-P0B0E
15",PCAP,TrueFlat,i3-4010U,Fanless,60W,Black
Installation Accessory
Part No.
Description
96ND500G-ST-SG5K4
SG 500G 2.5" SATAIII 5KRPM 16MB 7MM 4K
96ND1TB-ST-WD5K
WD 2.5 1TB 5KRPM 9.5MM SATAIII 8MB 4K
SQF-S25M8-64G-S8C
SQF 2.5" SSD 820 64G MLC (0~70°C)
AQD-SD3L4GN16-SG
4G SO-DDR3-1600 512X8 1.35V SAM(G)
AQD-SD3L2GN16-SQ
2G SO-DDR3-1600 256X8 1.35V SAM(G)
96CB-POWER-B-1.8M1 POWER CORD H05VV-F 3G 0.75MM 1.8M BK(G)
(CCC)
17AP164900518011
POWER CORD CEE 7/16+C13 L1.8M (CE)
1700013977
Power Cord 10A 250V 3P 180/90 CCC 200cm (CCC)
1702002600
Power Cord 3P UL/CSA(USA) 125V 10A 1.83M 180D
1700020098
Military Power Cord Australian 3P 10A 250V 183CM
(Australian)
1702002605
Power cord 2P FRANCE 10A/16A 220V 1.83M 90D (EU)
1700001714
Power Cord BSMI 3P 7A 125V 18AWG 180CM (BSMI)
SQF-S25M8-64G-8UP
SQF 2.5" SSD UPOS 64G MLC (0 ~ 70° C)
SQF-SMSM4-64G-9UP
SQF MSATA UPOS 64G MLC (0 ~ 70° C)
POS Peripherals
Part No.
Description
UPOS-CMON-15B0E
POS Peri, 2nd display, no touch, 15", black
UPOS-CMON-15W0E
POS Peri, 2nd display, no touch, 15", white
UPOS-300P-V10WE
POS Peri,VFD for UPOS-315,English,white
UPOS-300P-V10BE
POS Peri,VFD for UPOS-315,English,black
UPOS-300P-V20WE
POS Peri,VFD for UPOS-315,CH,white
UPOS-300P-V20BE
POS Peri,VFD for UPOS-315,CH,black
UPOS-300P-M10WE
POS Peri,MSR,for UPOS-315,bottom side,white
UPOS-300P-M10BE
POS Peri,MSR,for UPOS-315,bottom side,black
UPOS-300P-R10WE
POS Peri,RFID for UPOS-315,white
UPOS-300P-R10BE
POS Peri,RFID for UPOS-315,black
UPOS-300P-S10BE
POS Peri,1D Barcode Reader,Newland,black
UPOS-300P-S20BE
POS Peri,2D Barcode Reader,Newland,black
UPOS-300P-S10WE
POS Peri,1D Barcode Reader,Newland,white
UPOS-300P-S20WE
POS Peri,2D Barcode Reader,Newland,white
UPOS-315
Rear I/O Placement
COM port x 3
Adapter inlet
USB x 3
VGA
Mic in
Power USB
RJ-45
RJ-11
Line Out
Versatile Peripherals
Printer
Camera
Smart Card Reader
3G Module
Wifi Module
Cash Drawer
RFID Reader
MSR Module
Scanner
Keyboard & MSR
Customer Display
VFD or 15" 2nd Screen



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com