Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPOS-315A-R0W0E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UPOS-315A-R0W0E
Description  15" Ubiquitous POS Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UPOS-315A-R0W0E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UPOS-315A-R0W0E Datasheet HTML 1Page - Advantech Co., Ltd. UPOS-315A-R0W0E Datasheet HTML 2Page - Advantech Co., Ltd. UPOS-315A-R0W0E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POS Terminals
Features
UPOS-315
15" Ubiquitous POS Terminal
UPOS-3150 with Intel® BayTrail J1900
UPOS-315A with Intel® Haswell Core
i3-4010U
ƒ 15" TFT LCD (LED backlight) with 5 wire Resistive or PCap Touch
ƒ Built in Intel Baytrail J1900 or Haswell Core i3-4010U
ƒ T - Structure design with detachable & stylish true flat panel
ƒ Smallest footprint to save counter space
ƒ Embedded counterfeit detection module
ƒ Fully support SUSIAccess
ƒ Easy access to key components
ƒ Low power & Fanless design
ƒ Black / White color
ƒ Device Options: 2nd Display, MSR, VFD, RFID, Barcode Scanner
Introduction
UPOS-315 is a fanless POS system, which provides the smallest footprint to save counter space and enhance store layout flexibility. It provides easy access to key components and
counterfeit detection module to expedite cash payment process. SUSIAccess was built in to support Real-time Hardware / Software monitoring, remote maintenance and system
security. It is designed with the unique T-structure for Mini market store, Food merchandise, Convenience store, Specialty store. UPOS systems are the best solutions to deliver a
quicker and smarter shop experience, bring mutual business benefit.
60°
15°
30°
Space for store
advertisement
Easy access to key components
Embedded counterfeit detection module
2nd display left / right movement
Tilt motion
Features Highlight
Last updated : 21-Oct-2015
All product specifications are subject to change without notice, * identify as optional function


Similar Part No. - UPOS-315A-R0W0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UPOS-211 ADVANTECH-UPOS-211 Datasheet
1,020Kb / 3P
15" Ubiquitous POS Terminal
UPOS-211 ADVANTECH-UPOS-211 Datasheet
253Kb / 1P
VFD, rear mount for UPOS-211
19-Nov-2017
UPOS-211D ADVANTECH-UPOS-211D Datasheet
1,020Kb / 3P
15" Ubiquitous POS Terminal
UPOS-211DP-BST21 ADVANTECH-UPOS-211DP-BST21 Datasheet
1,020Kb / 3P
15" Ubiquitous POS Terminal
UPOS-211DP-BST40 ADVANTECH-UPOS-211DP-BST40 Datasheet
1,020Kb / 3P
15" Ubiquitous POS Terminal
More results

Similar Description - UPOS-315A-R0W0E

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PA-3320 PROTECHSYSTEMS-PA-3320 Datasheet
557Kb / 2P
Highly Integrated 15" POS Terminal
PA-3350 PROTECHSYSTEMS-PA-3350 Datasheet
559Kb / 2P
High Performance with Highly Integrated 15" POS Terminal
PA-6223 PROTECHSYSTEMS-PA-6223 Datasheet
578Kb / 2P
The 15 Waterproof True Flat Touch POS Terminal
PA-6822 PROTECHSYSTEMS-PA-6822 Datasheet
1Mb / 2P
The One-of-a-kind Highly Integrated 15 POS Terminal
PA-6970 PROTECHSYSTEMS-PA-6970 Datasheet
874Kb / 2P
High Performance 15 Pos Terminal
POS-6510 PROTECHSYSTEMS-POS-6510 Datasheet
616Kb / 2P
The Fanless Highly Integrated & Performance 15 POS Terminal
POS-6920 PROTECHSYSTEMS-POS-6920 Datasheet
511Kb / 2P
The Fanless 15" True Flat Touch POS Terminal
logo
Advantech Co., Ltd.
CM-5500-AR70 ADVANTECH-CM-5500-AR70 Datasheet
636Kb / 1P
15' Chameleon POS Terminal With Intel Haswell
UPOS-211 ADVANTECH-UPOS-211 Datasheet
1,020Kb / 3P
15" Ubiquitous POS Terminal
logo
BCM Advanced Research.
RIVAR-1501 BCM-RIVAR-1501 Datasheet
1Mb / 2P
15” Versatile All-in-One POS Terminal
2020/11/02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com