Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-07E Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  10" Industrial Tablet with 4th Generation Intel Core i Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  RAM-MOUNT-07E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 5Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Accessories for PWS-870 Series
Accessories
Universal Cover Package
UHF RFID Extension
External Battery
I/O Extension
Features
ƒ P/N: PWS-870-UCOVER00E
ƒ Material: Plastic, PVC
ƒ Color: Black
ƒ Dimension: 305 x 254.2 x 88.4 mm
ƒ Weight: 500g (universal cover, hand
strap and shoulder belt)
ƒ Package content: universal cover,
hand strap, shoulder belt
Features
ƒ P/N: PWS-870-EXT200E (EU) /
PWS-870-EXT210E (US)
ƒ RFID output power: 0.063 watt EIRP
ƒ RFID antenna type: Linear Polarization
ƒ Frequency: EU: 865 ~ 868MHz /
US: 902 ~ 928MHz
ƒ Tag standard supported: EPC Class 1 Gen 2 / ISO
18000-6C
ƒ Operating temperature: -20° C ~ 50° C
ƒ Maximum output power: +18dBm (Conductive)
ƒ Dimension: 192.2 x 40.2 x 25 mm
ƒ Weight: 110g
Features
ƒ P/N: PWS-870-BAT100E
ƒ Capacity: 14.8V 4080mAh
ƒ IP rating: IP65 with PWS-870
ƒ Dimension: 141.2 x 106.2 x 17 mm
ƒ Weight: 385g
Features
ƒ P/N: PWS-870-MBC00E
ƒ Store and charge up to 4 PWS-870 external batteries
ƒ Charging time: 4 hr
ƒ LEDs indicate charge status
ƒ Easy to fix on the table by screws
ƒ Power input: 19.5V/7.7A
ƒ Dimension: 214.4 x 229.4 x 60 mm
ƒ Weight: 1.4kg
Features
ƒ P/N: PWS-870-EXT100E
ƒ Interfaces: USB 3.0 (type A, 5V/0.9A) x 1,
RS-232 (D-Sub 9) x 2, 10/100/1000 Ethernet (RJ45)
x 1
ƒ Operating temperature: -20° C ~ 50° C
ƒ Dimension: 192.2 x 45.2 x 25 mm
ƒ Weight: 140g
Multiple Battery Charger
MSR & Smart Card Reader Extension
Features
ƒ P/N: PWS-870-EXT300E
ƒ Smart Card Reader
– ISO 7816 PC/SC
– EMV 4.0 Level 1
– Supports I2C memory card, SLE4418, SLE4428,
SLE4432, SLE4442, SLE4436,SLE5536,
SLE6636, AT88SC1608, AT45D041 card
ƒ MSR (Magnetic Card Reader)
– MagneSafe IntelliHead
– Supports US 7810 & ISO 7811/AAMVA
– Card speed: 6 to 60 ips (15.4 to 12.4 cm/s)
– Triple DES encryption
– DUKPT key management
ƒ Operating temperature: -20° C ~ 50° C
ƒ Storage temperature: -20° C ~ 60° C
ƒ Dimension: 192.2 x 40.2 x 25 mm
ƒ Weight: 120g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com