Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-07E Datasheet(PDF) 4 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  10" Industrial Tablet with 4th Generation Intel Core i Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 4 Page - Advantech Co., Ltd.

  RAM-MOUNT-07E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 5Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.advantech.com/digital-logistics/
Online Download
Features
Dimensions
Unit: mm
1. 1 x LAN 100/1000 (M12)
2. 1 x GPS SMA
3. 2 x USB 3.0 (locking type)
4. 1 x HDC: RS232 x1; CAN2.0 x1; DIx2;
DOx2; Line-in x1; Line-out x1
5. 1 x DC-in (M12)
1
3
4
5
2
Bottom view IO ports
240.50
90.40
95.40
PWS-870 Vehicle Docking Station
Product Specifications
Function
Item
Description
IO connectors
HDC
1 x HDC connector
HDC IO ports
1 RS-232, 1x CAN 2.0 A/B (support J1939);
OBDII (support ISO 15765) protocol,
1 x Line-in & 1 x Line-out, 2 x DI & 2 x DO
USB
2 x USB 3.0 (locking type)
Ethernet
1 x 100/1000 LAN port (M12)
SMA for GPS
1 for external GPS Antenna
DC in
1 x Power Jack (M12) 19V ± 5%
(pair with a.car adapter: PWS-770-
CAD1200E, PWS-770-CAD2400E, PWS-
770-CADAP00E. b. DC-in(M12) to adapter
cable: 1700021797-01)
Environment
IP Rating
IP54 (with tablet docked and all cables
connected)
Operating
Temperature
-20° C ~ 50° C (Charge: 0° C ~ 40° C)
with tablet
Storage Temperature -40° C ~ 85° C
Vibration/Shock
MIL-STD-810G, Method 514.5; SAE J1455
EMC
CE, FCC
Safety
UL, CB
Vehicle-related
E-Mark (E13)
(pair with PWS-770-CAD1200E,
PWS-770-CAD2400E)
Mounting
Mounting Way
VESA (75 x 75 mm)
Weight
950g
Dimension
240.5 x 280.9 x 95.4 mm
Introduction
The PWS-870 high strength composite vehicle docking station is designed to hold the PWS-870 tablet safely and securely. The vehicle docking station comes with a locking mechanism
for theft deterrence. It offers complete port replication for users accessing audio jacks, USB, RS-232, DI, DO, LAN, and GPS SMA connector. One of the most important and unique design
features is it has CAN bus support for vehicle communication. It's a perfect solution for police car, fire bridge, ambulance, forklift, and different kinds of transportation applications.
Ordering Information
Part Number
Description
PWS-870-VCRADLE00E
PWS-870 Vehicle docking station, with LAN Cable M12(M) cable 8P/RJ45(F) (5cm)
PWS-870-VCRADLE01E
PWS-870 Charge only Vehicle docking station
PWS-870-VMOUNT00E
PWS-870 Vehicle docking station without i/o ports
PWS-770-CADAP00E*
PWS-770/PWS-870 Car Adapter DC to DC 10~32V 90W (120cm) to Cigar Lighter;
M12 Plug
PWS-770-CAD1200E*
PWS-770/PWS-870 Car Adapter DC to DC 10~32V 90W with 12V Relay (120cm);
M12 Plug
PWS-770-CAD2400E*
PWS-770/PWS-870 Car Adapter DC to DC 10~32V 90W with 24V Relay (120cm);
M12 Plug
1700021797-01
M12 plug to DC-in cable (10cm)
Note: Connect from PWS-770/PWS-870 Vehicle docking DC-in (M12) to Power
adapter Jack (96PSA-A65W19V1-1)
PWS-870-CHDC00E
PWS-870 Vehicle docking HDC Cable RS232 x1; CAN2.0 x1; DIx2;
DOx2; Line-in x1; Line-out x1 (200cm)
PWS-770-GPSAN00E
GPS antenna 5.5V 22mA (500cm)
RAM-MOUNT-06E
5.625" double socket arm for 1.5" ball base, 3.625" VESA base at both sockets
RAM-MOUNT-07E
5.625" double socket arm for 1.5" ball base, One side is 3.625" VESA base, on the
other side, the socket with flat 2.5" diameter base AMPS hole pattern
PWS-870-VDOCK-CBE
Vehicle docking starter cable kit (power cable, HDC cable & GPS antenna)
Note:
1. PWS-870 Vehicle Docking packages include LAN Cable for M12 to RJ45 connector. The car adapter is optional.
Do not attempt to connect Car adapter M12 plug to PWS-870 tablet DC-in
2. For first time purchase, we strongly recommend to purchase starter cable kit & power adapter (select suitable
power adapter from the there adapters marked with*) for evaluation
Accessories
ƒ CAN 2.0 A/B (J1939) and OBDII (ISO 15765) support for vehicle diagnosis
ƒ Anti-theft locking mechanism
ƒ External GPS SMA antenna
ƒ Device docking and removal within 1 second
ƒ Ignition control
ƒ Accommodates port replication
ƒ Compliant with MIL-STD-810G and SAE J1455 for vibration and shock
tolerance
ƒ E-Mark compliant and supports 12V/24 V vehicle power



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com