Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBW Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # CBW
Description  Up to 30 Watts, DC/DC Power Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CBW Datasheet(HTML) 3 Page - Wall Industries,Inc.

  CBW Datasheet HTML 1Page - Wall Industries,Inc. CBW Datasheet HTML 2Page - Wall Industries,Inc. CBW Datasheet HTML 3Page - Wall Industries,Inc. CBW Datasheet HTML 4Page - Wall Industries,Inc. CBW Datasheet HTML 5Page - Wall Industries,Inc. CBW Datasheet HTML 6Page - Wall Industries,Inc. CBW Datasheet HTML 7Page - Wall Industries,Inc. CBW Datasheet HTML 8Page - Wall Industries,Inc. CBW Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Rev D
CBW SERIES
Up to 30 Watts, DC/DC Power Converters
11/29/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 34
SPECIFICATIONS: CBW SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
Single & Dual output models
387
430
473
kHz
Triple output models
360
400
440
Isolation Voltage
1 minute
Input to Output
1600
VDC
Input to Case
1600
Output to Case
1600
Isolation Resistance
500VDC
1
GΩ
Isolation Capacitance
1500
pF
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
With derating
-40
+50
°C
Without derating
+50
+85
Maximum Case Temperature
+105
°C
Storage Temperature
-55
+125
°C
Thermal Impedance (See Note 1)
Natural convection
12
°C/W
Natural convection with heatsink
10
Relative Humidity
5
95
%
RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
Single & Dual Output Models
BELLCORE TR-NWT-000332 Case 1: 50% Stress, Ta=40°C
3,163,000
hours
MIL-HDBK-217F Notice 2, Ta=25°C, full load (G/B, controlled environment)
434,700
Triple Output Models
BELLCORE TR-NWT-000332 Case 1: 50% Stress, Ta=40°C
2,904,000
hours
MIL-HDBK-217F Notice 2, Ta=25°C, full load (G/B, controlled environment)
318,400
PHYSICAL SPECIFICATIONS
Weight
1.07oz (30.5g)
Dimensions (L x W x H)
2.00 x 1.00 x 0.40 inch
(50.8 x 25.4 x 10.2 mm)
Case Material
Nickel-coated copper
Base Material
FR4 PCB
Potting Material
Epoxy (UL94-V0)
Shielding
Six-sided
Case Grounding
Connect case to –Input with
decoupling Y Cap
SAFETY & EMC CHARACTERISTICS
Safety Approvals
IEC60950-1, UL60950-1, EN60950-1
EMI (See Note 4)
EN55022
Class A
ESD
EN61000-4-2
Air ±8kV and Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient (See Note 5)
EN61000-4-4
±2kV
Perf. Criteria A
Surge (See Note 5)
EN61000-4-5
±1kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A
NOTES
1. Heat sink is optional. To order the module with a heatsink please add the suffix “HS” to the model number (Ex: CBW24S12-2500HS).
2. Positive remote on/off control is standard; for negative remote on/off please add the suffix “R” to the model number (Ex: CBW24S12-
2500R).
3. Triple output models require a minimum loading on the output to maintain all specified regulations. Operation under no-load conditions
will not damage these devices; however, they may not meet all listed specifications.
4. The CBW series standard models can only meet EN55022 Class A and Class B with external components added.
5. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
- 24VDC nominal input models: Nippon chemi-
con KY series, 330μF/50V
- 48VDC nominal input models: Nippon chemi-
con KY series, 220μF/100V
CAUTION: This power converter is not internally fused. An input line fuse must always be used.
Due to advances in technology, specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com