Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBW Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # CBW
Description  Up to 30 Watts, DC/DC Power Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CBW Datasheet(HTML) 4 Page - Wall Industries,Inc.

  CBW Datasheet HTML 1Page - Wall Industries,Inc. CBW Datasheet HTML 2Page - Wall Industries,Inc. CBW Datasheet HTML 3Page - Wall Industries,Inc. CBW Datasheet HTML 4Page - Wall Industries,Inc. CBW Datasheet HTML 5Page - Wall Industries,Inc. CBW Datasheet HTML 6Page - Wall Industries,Inc. CBW Datasheet HTML 7Page - Wall Industries,Inc. CBW Datasheet HTML 8Page - Wall Industries,Inc. CBW Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Rev D
CBW SERIES
Up to 30 Watts, DC/DC Power Converters
11/29/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 34
OUTPUT VOLTAGE ADJUSTMENT
Output voltage adjustability is for single output models only. Output voltage set-point adjustment allows the user to increase or decrease the output
voltage set-point of a module. This is accomplished by connecting an external resistor between the TRIM pin and either the +OUTPUT or –OUTPUT
pins. With an external resistor between the TRIM and –OUTPUT pins, the output voltage set-point increases. With an external resistor between the
TRIM and +OUTPUT pins, the output voltage set-point decreases. The external TRIM resistor needs to be at least 1/16W resistance.
Trim Up
Trim Down
CBWXXS1.5-8500
CBWXXS2.5-8000
Trim
Vout,up
RU
Trim
Vout,up
RU
1%
1.515V
4.578k
Ω
1%
2.525V
37.076
kΩ
2%
1.530V
2.065k
Ω
2%
2.550V
16.675
kΩ
3%
1.545V
1.227k
Ω
3%
2.575V
9.874
kΩ
4%
1.560V
0.808k
Ω
4%
2.600V
6.474
kΩ
5%
1.575V
0.557k
Ω
5%
2.625V
4.434
kΩ
6%
1.590V
0.389k
Ω
6%
2.650V
3.074
kΩ
7%
1.605V
0.270k
Ω
7%
2.675V
2.102
kΩ
8%
1.620V
0.180k
Ω
8%
2.700V
1.374
kΩ
9%
1.635V
0.110k
Ω
9%
2.725V
0.807
kΩ
10%
1.650V
0.054k
Ω
10%
2.750V
0.354
kΩ
CBWXXS3.3-7500
CBWXXS5-6000
Trim
Vout,up
RU
Trim
Vout,up
RU
1%
3.333V
57.930kΩ
1%
5.050V
36.570kΩ
2%
3.366V
26.465kΩ
2%
5.100V
16
.580kΩ
3%
3.399V
15.577kΩ
3%
5.150V
9.917kΩ
4%
3.432V
10.283kΩ
4%
5.200V
6.585kΩ
5%
3.465V
7.106kΩ
5%
5.250V
4.586kΩ
6%
3.498V
4.988kΩ
6%
5.300V
3.253kΩ
7%
3.531V
3.476kΩ
7%
5.350V
2.302kΩ
8%
3.564V
2.341kΩ
8%
5.400V
1.588kΩ
9%
3.597V
1.459kΩ
9%
5.450V
1.032kΩ
10%
3.630V
0.753kΩ
10%
5.500V
0.588kΩ
CBWXXS5.1-6000
CBWXXS12-2500
Trim
Vout,up
RU
Trim
Vout,up
RU
1%
5.151V
38.135kΩ
1%
12.120
367.908kΩ
2%
5.202V
17.368kΩ
2%
12.240
165.954kΩ
3%
5.253V
10.446kΩ
3%
12.360
98.636kΩ
4%
5.304V
6.985kΩ
4%
12.480
64.977kΩ
5%
5.355V
4.908kΩ
5%
12.600
44.782kΩ
6%
5.406V
3.524kΩ
6%
12.720
31.318kΩ
7%
5.457V
2.535kΩ
7%
12.840
21.701kΩ
8%
5.508V
1.793kΩ
8%
12.960
14.488k
Ω
9%
5.559V
1.217kΩ
9%
13.080
8.879kΩ
10%
5.610V
0.755kΩ
10%
13.200
4.391kΩ
CBWXXS15-2000
Trim
Vout,up
RU
1%
15.150V
404.184kΩ
2%
15.300V
180.592kΩ
3%
15.450V
106.061kΩ
4%
15.600V
68.796kΩ
5%
15.750V
46.437kΩ
6%
15.900V
31.531kΩ
7%
16.050V
20.883kΩ
8%
16.200V
12.89
8kΩ
9%
16.350V
6.687kΩ
10%
16.500V
1.718kΩ
CBWXXS1.5-8500
CBWXXS2.5-8000
Trim
Vout,down
RD
Trim
Vout,down
RD
1%
1.485V
5.704kΩ
1%
2.475V
49.641kΩ
2%
1.470V
2.571kΩ
2%
2.450V
22.481kΩ
3%
1.455V
1.527kΩ
3%
2.425V
13.428kΩ
4%
1.440V
1.005kΩ
4%
2.400V
8.902kΩ
5%
1.425V
0.692kΩ
5%
2.375V
6.186kΩ
6%
1.410V
0.483kΩ
6%
2.350V
4.375kΩ
7%
1.395V
0.334kΩ
7%
2.325V
3.082kΩ
8%
1.380V
0.222kΩ
8%
2.300V
2.112kΩ
9%
1.365V
0.135kΩ
9%
2.275V
1.358kΩ
10%
1.350V
0.065kΩ
10%
2.250V
0.754
kΩ
CBWXXS3.3-7500
CBWXXS5-6000
Trim
Vout,down
RD
Trim
Vout,down
RD
1%
3.267V
69.470kΩ
1%
4.950V
45.533kΩ
2%
3.234V
31.235kΩ
2%
4.900V
20.612kΩ
3%
3.201V
18.490kΩ
3%
4.850V
12.306kΩ
4%
3.168V
12.117kΩ
4%
4.800V
8.152kΩ
5%
3.135V
8.294kΩ
5%
4.750V
5.660kΩ
6%
3.102V
5.745kΩ
6%
4.700V
3.999kΩ
7%
3.069V
3.924kΩ
7%
4.650V
2.812kΩ
8%
3.036V
2.559kΩ
8%
4.600V
1.922kΩ
9%
3.003V
1.497kΩ
9%
4.550V
1.230kΩ
10%
2.970V
0.647kΩ
10%
4.500V
0.676kΩ
CBWXXS5.1-6000
CBWXXS12-2500
Trim
Vout,down
RD
Trim
Vout,down
RD
1%
5.049V
47.191kΩ
1%
11.880V
460.992kΩ
2%
4.998V
21.431kΩ
2%
11.760V
207.946kΩ
3%
4.947V
12.844kΩ
3%
11.640V
123.597kΩ
4%
4.896V
8.551kΩ
4%
11.520V
81.423kΩ
5%
4.845V
5.975kΩ
5%
11.400V
56.118kΩ
6%
4.794V
4.258k
Ω
6%
11.280V
39.249kΩ
7%
4.743V
3.031kΩ
7%
11.160V
27.199kΩ
8%
4.692V
2.111kΩ
8%
11.040V
18.162kΩ
9%
4.641V
1.396kΩ
9%
10.920V
11.132kΩ
10%
4.590V
0.823k
Ω
10%
10.800V
5.509kΩ
CBWXXS15-2000
Trim
Vout,down
RD
1%
14.850V
499.816k
Ω
2%
14.700V
223.408kΩ
3%
14.550V
131.272kΩ
4%
14.400V
85.204kΩ
5%
14.250V
57.563k
Ω
6%
14.100V
39.136kΩ
7%
13.950V
25.974kΩ
8%
13.800V
16.102kΩ
9%
13.650V
8.424kΩ
10%
13.500V
2.282kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com