Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT853 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # FZT853
Description  100V NPN MEDIUM POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT853 Datasheet(HTML) 5 Page - Diodes Incorporated

  FZT853_17 Datasheet HTML 1Page - Diodes Incorporated FZT853_17 Datasheet HTML 2Page - Diodes Incorporated FZT853_17 Datasheet HTML 3Page - Diodes Incorporated FZT853_17 Datasheet HTML 4Page - Diodes Incorporated FZT853_17 Datasheet HTML 5Page - Diodes Incorporated FZT853_17 Datasheet HTML 6Page - Diodes Incorporated FZT853_17 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FZT853
Document Number DS33175 Rev. 6 - 2
5 of 7
www.diodes.com
March 2017
© Diodes Incorporated
FZT853
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
1m
10m
100m
1
10
1m
10m
100m
100m
1
10
0.0
0.1
0.2
0.3
0.4
0.5
1m
10m
100m
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
100m
1
10
0.4
0.6
0.8
1.0
1m
10m
100m
1
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
40
80
120
160
200
240
280
I
C
/I
B
=20
V
CE(SAT)
v I
C
Tamb=25°C
I
C
/I
B
=100
I
C
/I
B
=50
I
C
/I
B
=10
I
C
Collector Current (A)
100°C
V
BE(SAT)
v I
C
I
C
/I
B
=50
150°C
25°C
-55°C
I
C
Collector Current (A)
100°C
h
FE
v I
C
V
CE
=2V
-55°C
25°C
150°C
I
C
Collector Current (A)
150°C
V
CE(SAT)
v I
C
I
C
/I
B
=50
100°C
25°C
-55°C
I
C
Collector Current (A)
100°C
V
BE(ON)
v I
C
V
CE
=2V
150°C
25°C
-55°C
I
C
Collector Current (A)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com