Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT853 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FZT853
Description  100V NPN MEDIUM POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT853 Datasheet(HTML) 1 Page - Diodes Incorporated

  FZT853_17 Datasheet HTML 1Page - Diodes Incorporated FZT853_17 Datasheet HTML 2Page - Diodes Incorporated FZT853_17 Datasheet HTML 3Page - Diodes Incorporated FZT853_17 Datasheet HTML 4Page - Diodes Incorporated FZT853_17 Datasheet HTML 5Page - Diodes Incorporated FZT853_17 Datasheet HTML 6Page - Diodes Incorporated FZT853_17 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FZT853
Document Number DS33175 Rev. 6 - 2
1 of 7
www.diodes.com
March 2017
© Diodes Incorporated
FZT853
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Features
BVCEO > 100V
IC = 6A High Continuous Collector Current
ICM = 10A Peak Pulse Current
Low Saturation Voltage VCE(SAT) < 150mV @ 2A
RCE(SAT) = 50mΩ for a Low Equivalent On-Resistance
hFE Specified up to 10A for a High Gain Hold-Up
Complementary PNP Type: FZT953
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT223
Case Material: Molded Plastic,
“Green” Molding Compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads. Solderable per
MIL-STD-202, Method 208
Weight: 0.112 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
FZT853TA
AEC-Q101
FZT853
7
12
1,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4.
For packaging details, go to our website at http”//www.diodes.com/products/packages.html.
Marking Information
SOT223
Top View
Device Symbol
Top View
Pin-Out
Green
C
E
B
FZT 853 = Product Type Marking Code
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 5 = 2015)
WW or WW = Week Code (01
–53)
FZT
853
SOT223
e3


Similar Part No. - FZT853_17

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FZT853 KEXIN-FZT853_15 Datasheet
481Kb / 2P
NPN Transistors
logo
Diodes Incorporated
FZT853 DIODES-FZT853_15 Datasheet
485Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
More results

Similar Description - FZT853_17

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2020F ZETEX-ZXTN2020F Datasheet
514Kb / 6P
100V, SOT23, NPN medium power transistor
ZXTN25100DFH ZETEX-ZXTN25100DFH Datasheet
391Kb / 6P
100V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN2020F DIODES-ZXTN2020F Datasheet
522Kb / 6P
100V, SOT23, NPN medium power transistor
JANUARY 2006
ZXTN25100DFH DIODES-ZXTN25100DFH Datasheet
391Kb / 6P
100V, SOT23, NPN medium power transistor
MARCH 2008
FMMT493TA DIODES-FMMT493TA Datasheet
385Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT853 DIODES-FZT853_15 Datasheet
485Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
ZXTN2011G DIODES-ZXTN2011G_16 Datasheet
452Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
Rev 3
ZXTN19100CFF DIODES-ZXTN19100CFF_16 Datasheet
341Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
Rev 2
ZXTN25100DZ DIODES-ZXTN25100DZ_17 Datasheet
393Kb / 8P
100V NPN MEDIUM POWER TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com