Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC372LP3 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC372LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC372LP3 Datasheet(HTML) 3 Page - Analog Devices

  HMC372LP3 Datasheet HTML 1Page - Analog Devices HMC372LP3 Datasheet HTML 2Page - Analog Devices HMC372LP3 Datasheet HTML 3Page - Analog Devices HMC372LP3 Datasheet HTML 4Page - Analog Devices HMC372LP3 Datasheet HTML 5Page - Analog Devices HMC372LP3 Datasheet HTML 6Page - Analog Devices HMC372LP3 Datasheet HTML 7Page - Analog Devices HMC372LP3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 54
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
P1dB & Psat vs. Temperature
Output IP3 vs. Temperature
Output IP3 vs. Vdd
P1dB vs. Vdd
15
16
17
18
19
20
21
22
23
24
25
0.7
0.75
0.8
0.85
0.9
0.95
1
+25 C
+85 C
-40 C
P1dB
PSAT
FREQUENCY (GHz)
30
31
32
33
34
35
36
37
38
39
40
0.7
0.75
0.8
0.85
0.9
0.95
1
+ 25 C
+ 85 C
- 40 C
FREQUENCY (GHz)
15
16
17
18
19
20
21
22
23
24
25
0.7
0.75
0.8
0.85
0.9
0.95
1
+ 4.5 V
+ 5.0 V
+ 5.5 V
FREQUENCY (GHz)
30
31
32
33
34
35
36
37
38
39
40
0.7
0.75
0.8
0.85
0.9
0.95
1
+ 4.5 V
+ 5.0 V
+ 5.5 V
FREQUENCY (GHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0.7
0.75
0.8
0.85
0.9
0.95
1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0.7
0.75
0.8
0.85
0.9
0.95
1
+ 25 C
+ 85 C
- 40 C
FREQUENCY (GHz)
HMC372LP3 / 372LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 700 - 1000 MHz
v03.0610
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com