Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC372LP3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC372LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC372LP3 Datasheet(HTML) 1 Page - Analog Devices

  HMC372LP3 Datasheet HTML 1Page - Analog Devices HMC372LP3 Datasheet HTML 2Page - Analog Devices HMC372LP3 Datasheet HTML 3Page - Analog Devices HMC372LP3 Datasheet HTML 4Page - Analog Devices HMC372LP3 Datasheet HTML 5Page - Analog Devices HMC372LP3 Datasheet HTML 6Page - Analog Devices HMC372LP3 Datasheet HTML 7Page - Analog Devices HMC372LP3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 52
HMC372LP3 / 372LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 700 - 1000 MHz
v03.0610
General Description
Features
Functional Diagram
The HMC372LP3 & HMC372LP3E are GaAs PHEMT
MMIC Low Noise Amplifiers that are ideal for GSM
& CDMA cellular basestation front-end receivers
operating between 700 and 1000 MHz. The amplifier
has been optimized to provide 1 dB noise figure, 15
dB gain and +34 dBm output IP3 from a single supply
of +5V @ 100 mA. Input and output return losses are
25 and 14 dB respectively with the LNA requiring only
four external components to optimize the RF Input
match, RF ground and DC bias. For applications
which require improved noise figure, please see the
HMC617LP3(E).
Noise Figure: < 1 dB
Output IP3: +34 dBm
Gain: 15 dB
Very Stable Gain vs. Supply & Temperature
Single Supply: +5V @ 100 mA
50 Ohm Matched Output
Electrical Specifications, T
A = +25° C, Vs = +5V
Typical Applications
The HMC372LP3 / HMC372LP3E is ideal for
basestation receivers:
• GSM, GPRS & EDGE
• CDMA & W-CDMA
• Private Land Mobile Radio
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
810 - 960
700 - 1000
MHz
Gain
12.5
14.5
11.5
14.5
dB
Gain Variation Over Temperature
0.008
0.015
0.008
0.015
dB / °C
Noise Figure
1.0
1.3
1.0
1.3
dB
Input Return Loss
25
25
dB
Output Return Loss
14
12
dB
Reverse Isolation
20
22
dB
Output Power for 1dB Compression (P1dB)
18
21
17
20
dBm
Saturated Output Power (Psat)
23.5
22.5
dBm
Output Third Order Intercept (IP3)
(-20 dBm Input Power per tone, 1 MHz tone spacing)
34
30
33
dBm
Supply Current (Idd)
100
100
mA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC372LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC372LP3 HITTITE-HMC372LP3 Datasheet
277Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC372LP3 HITTITE-HMC372LP3 Datasheet
256Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC372LP3 HITTITE-HMC372LP3 Datasheet
350Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC372LP3E HITTITE-HMC372LP3E Datasheet
256Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC372LP3 HITTITE-HMC372LP3_06 Datasheet
350Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
More results

Similar Description - HMC372LP3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
HMC462 AD-HMC462 Datasheet
443Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com