Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC455LP3 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC455LP3
Description  InGaP HBT Watt High IP3 AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC455LP3 Datasheet(HTML) 4 Page - Analog Devices

  HMC455LP3 Datasheet HTML 1Page - Analog Devices HMC455LP3 Datasheet HTML 2Page - Analog Devices HMC455LP3 Datasheet HTML 3Page - Analog Devices HMC455LP3 Datasheet HTML 4Page - Analog Devices HMC455LP3 Datasheet HTML 5Page - Analog Devices HMC455LP3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 237
ACPR vs. Supply Voltage @ 1.96 GHz
CDMA 2000, 9 Channels Forward
ACPR vs. Supply Voltage @ 2.14 GHz
W-CDMA, 64 DPCH
Absolute Maximum Ratings
Collector Bias Voltage (Vcc)
+6.0 Vdc
RF Input Power (RFIN)(Vs = +5Vdc)
+25 dBm
Junction Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 16 mW/°C above 85 °C)
1.04 W
Thermal Resistance
(junction to ground paddle)
63 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
HMC455LP3 / 455LP3E
InGaP HBT ½ Watt High IP3
AMPLIFIER, 1.7 - 2.5 GHz
v02.0605
-65
-60
-55
-50
-45
-40
5
7
9
11
13
15
17
19
21
Channel Output Power (dBm)
Source ACPR
CDMA2000 Rev. 8
Frequency: 1.96 GHz
Integration BW: 1.228 MHz
Forward Link, SR1, 9 Channels
5.5V
4.5V
5V
-65
-60
-55
-50
-45
-40
-35
-30
5
7
9
11
13
15
17
19
21
Channel Output Power (dBm)
Source ACPR
WCDMA
Frequency : 2.14 GHz
Integration BW: 3.84 MHz
64 DPCH
4.5V
5V
5.5V
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Application Circuit
Recommended Component Values
L1
8.2 nH
C1
2.2 µF
C2, C3
3.0 pF
C4
0.9 pF
C5
100 pF
Data shown is tuned for 1.85 - 2.2 GHz, contact HMC
Applications for recommended 1.7 - 1.85 GHz & 2.2 - 2.5 GHz tuning circuits.
TL1
TL2
TL3
TL4
Impedance
50 Ohm
50 Ohm
50 Ohm
50 Ohm
Physical Length
0.33”
0.18”
0.13”
0.04”
Electrical Length
34°
19°
13.5°
4°
PCB Material: 10 mil Rogers 4350, Er = 3.48
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com