Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC455LP3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC455LP3
Description  InGaP HBT Watt High IP3 AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC455LP3 Datasheet(HTML) 1 Page - Analog Devices

  HMC455LP3 Datasheet HTML 1Page - Analog Devices HMC455LP3 Datasheet HTML 2Page - Analog Devices HMC455LP3 Datasheet HTML 3Page - Analog Devices HMC455LP3 Datasheet HTML 4Page - Analog Devices HMC455LP3 Datasheet HTML 5Page - Analog Devices HMC455LP3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 234
HMC455LP3 / 455LP3E
InGaP HBT ½ Watt High IP3
AMPLIFIER, 1.7 - 2.5 GHz
v02.0605
General Description
Features
Functional Diagram
The HMC455LP3 & HMC455LP3E are high output
IP3 GaAs InGaP Heterojunction Bipolar Transistor
(HBT) ½ watt MMIC amplifiers operating between 1.7
and 2.5 GHz. Utilizing a minimum number of external
components the amplifier provides 13 dB of gain and
+28 dBm of saturated power at 56% PAE from a single
+5 Vdc supply voltage. The high output IP3 of +42
dBm coupled with the low VSWR of 1.4:1 make the
HMC455LP3 & HMC455LP3E ideal driver amplifiers for
PCS/3G wireless infrastructures. A low cost, leadless
3x3 mm QFN surface mount package (LP3) houses
the linear amplifier. The LP3 provides an exposed
base for excellent RF and thermal performance.
Output IP3: +42 dBm
Gain: 13 dB
56% PAE @ +28 dBm Pout
+19 dBm W-CDMA Channel Power @ -45 dBc ACP
3x3 mm QFN SMT Package
Electrical Specifications, T
A = +25° C, Vs= +5V
Typical Applications
This amplifier is ideal for high linearity applications:
• Multi-Carrier Systems
• GSM, GPRS & EDGE
• CDMA & WCDMA
• PHS
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
1.7 - 1.9
1.9 - 2.2
2.2 - 2.5
GHz
Gain
11.5
13.5
10.5
13
9
11.5
dB
Gain Variation Over Temperature
0.012
0.02
0.012
0.02
0.012
0.02
dB / °C
Input Return Loss
13
15
10
dB
Output Return Loss
10
18
15
dB
Output Power for 1dB Compression (P1dB)
24
27
24.5
27.5
23
26
dBm
Saturated Output Power (Psat)
28.5
28
27
dBm
Output Third Order Intercept (IP3)
37
40
39
42
37
40
dBm
Noise Figure
7
6
6
dB
Supply Current (Icq)
150
150
150
mA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC455LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC455LP3 HITTITE-HMC455LP3 Datasheet
313Kb / 8P
InGaP HBT 1/2 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3 Datasheet
262Kb / 6P
InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3 Datasheet
384Kb / 8P
InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC455LP3E HITTITE-HMC455LP3E Datasheet
262Kb / 6P
InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3_06 Datasheet
384Kb / 8P
InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
More results

Similar Description - HMC455LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC455LP3 HITTITE-HMC455LP3 Datasheet
313Kb / 8P
InGaP HBT 1/2 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC461LP3 HITTITE-HMC461LP3 Datasheet
362Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3_06 Datasheet
434Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC455LP3 HITTITE-HMC455LP3_06 Datasheet
384Kb / 8P
InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC454ST89 HITTITE-HMC454ST89_07 Datasheet
405Kb / 12P
InGaP HBT 쩍 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
HMC454ST89 HITTITE-HMC454ST89_10 Datasheet
415Kb / 12P
InGaP HBT 쩍 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3_09 Datasheet
262Kb / 6P
InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC461LP3 HITTITE-HMC461LP3_09 Datasheet
332Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
logo
Analog Devices
HMC454ST89 AD-HMC454ST89 Datasheet
619Kb / 12P
InGaP HBT WATT HIGH IP3 AMPLIFIER,
HMC461LP3 AD-HMC461LP3 Datasheet
474Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com