Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC461LP3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC461LP3
Description  InGaP HBT 1 Watt High IP3 AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC461LP3 Datasheet(HTML) 1 Page - Analog Devices

  HMC461LP3 Datasheet HTML 1Page - Analog Devices HMC461LP3 Datasheet HTML 2Page - Analog Devices HMC461LP3 Datasheet HTML 3Page - Analog Devices HMC461LP3 Datasheet HTML 4Page - Analog Devices HMC461LP3 Datasheet HTML 5Page - Analog Devices HMC461LP3 Datasheet HTML 6Page - Analog Devices HMC461LP3 Datasheet HTML 7Page - Analog Devices HMC461LP3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 250
HMC461LP3 / 461LP3E
InGaP HBT 1 Watt High IP3
AMPLIFIER, 1.7 - 2.2 GHz
v02.0705
General Description
Features
Functional Diagram
The HMC461LP3 & HMC461LP3E are 1.7 - 2.2 GHz
high output IP3 GaAs InGaP Heterojunction Bipolar
Transistor
(HBT)
dual-channel
MMIC
amplifiers.
The linear performance of two HMC455LP3 high
IP3 drivers is offered in this single IC which can be
configured in a balanced or push-pull amplifier circuit.
The amplifier provides 12 dB of gain and +30.5 dBm
of saturated power at 48% PAE from a single +5 Vdc
supply while utilizing external baluns in a balanced
configuration. The high output IP3 of +45 dBm coupled
with the low VSWR of 1.2:1 make the HMC461LP3
& HMC461LP3E ideal driver amplifiers for PCS/3G
wireless infrastructures. A low cost, leadless 3x3 mm
QFN surface mount package (LP3) houses the dual
MMIC amplifier IC. The LP3 provides an exposed
base for excellent RF and thermal performance.
+45 dBm Output IP3 (Balanced Configuration)
12 dB Gain
48% PAE @ +30.5 dBm Pout
+20 dBm W-CDMA Channel Power @ -45 dBc ACP
3x3 mm QFN SMT Package
Electrical Specifications*, T
A = +25° C, Vs= +5V
Typical Applications
A high linearity 1 watt amplifier for:
• Multi-Carrier Systems
• GSM, GPRS & EDGE
• CDMA & W-CDMA
• PHS
• Balanced or Push-Pull Configurable
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
1.7 - 1.9
1.9 - 2.2
GHz
Gain
10
12.5
9
12
dB
Gain Variation Over Temperature
0.012
0.02
0.012
0.02
dB / °C
Input Return Loss
17
18
dB
Output Return Loss
20
25
dB
Output Power for 1dB Compression (P1dB)
26
29
26.5
29.5
dBm
Saturated Output Power (Psat)
29.5
30.5
dBm
Output Third Order Intercept (IP3)
41
44
42
45
dBm
Noise Figure
6.5
6
dB
Supply Current (Icq)
300
300
mA
* Specifications and data reflect HMC461LP3 measured with external baluns in a balanced amplifier configuration optimized for
1.85 - 2.2 GHz per application circuit herein. Contact HMC Applications for 1.7 - 1.85 GHz performance optimization.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC461LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC461LP3 HITTITE-HMC461LP3 Datasheet
362Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3 Datasheet
332Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3 Datasheet
434Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3E HITTITE-HMC461LP3E Datasheet
332Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3_06 Datasheet
434Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
More results

Similar Description - HMC461LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC454ST89 HITTITE-HMC454ST89 Datasheet
400Kb / 14P
InGaP HBT 1/2 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3 Datasheet
313Kb / 8P
InGaP HBT 1/2 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC461LP3 HITTITE-HMC461LP3 Datasheet
362Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
logo
Aeroflex Circuit Techno...
MMA707 AEROFLEX-MMA707 Datasheet
851Kb / 8P
1 Watt InGaP HBT Amplifier
logo
Hittite Microwave Corpo...
HMC461LP3 HITTITE-HMC461LP3_06 Datasheet
434Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC454ST89 HITTITE-HMC454ST89_10 Datasheet
415Kb / 12P
InGaP HBT 쩍 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3_09 Datasheet
262Kb / 6P
InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC461LP3 HITTITE-HMC461LP3_09 Datasheet
332Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
logo
Analog Devices
HMC454ST89 AD-HMC454ST89 Datasheet
619Kb / 12P
InGaP HBT WATT HIGH IP3 AMPLIFIER,
HMC455LP3 AD-HMC455LP3 Datasheet
372Kb / 6P
InGaP HBT Watt High IP3 AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com