Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC463LP5 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC463LP5
Description  GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC463LP5 Datasheet(HTML) 4 Page - Analog Devices

  HMC463LP5 Datasheet HTML 1Page - Analog Devices HMC463LP5 Datasheet HTML 2Page - Analog Devices HMC463LP5 Datasheet HTML 3Page - Analog Devices HMC463LP5 Datasheet HTML 4Page - Analog Devices HMC463LP5 Datasheet HTML 5Page - Analog Devices HMC463LP5 Datasheet HTML 6Page - Analog Devices HMC463LP5 Datasheet HTML 7Page - Analog Devices HMC463LP5 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
7
7 - 4
Absolute Maximum Ratings
Drain Bias Voltage (Vdd)
+9V
Gate Bias Voltage (Vgg1)
-2 to 0V
Gate Bias Current (Igg1)
2.5 mA
Gate Bias Voltage (Vgg2)(AGC)
(Vdd -9) Vdc to +2V
RF Input Power (RFIN)(Vdd = +5V)
+18 dBm
Channel Temperature
150 °C
Continuous Pdiss (T= 85 °C)
(derate 19.1 mW/°C above 85 °C)
1.24 W
Thermal Resistance
(channel to ground paddle)
52.3 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 0B - Passed
150V
Vdd (V)
Idd (mA)
+4.5
58
+5.0
60
+5.5
62
Typical Supply Current vs. Vdd
Gain @ Several Control Voltages (Vgg2)
-12
-7
-2
3
8
13
18
0
2
4
6
8
10
12
14
16
18
20
22
Vgg2 = -1.3V
Vgg2 = -1.2V
Vgg2 = -1.1V
Vgg2 = -1.0V
Vgg2 = -0.9V
Vgg2 = -0.8V
Vgg2 = -0.6V
Vgg2 = -0.4V
Vgg2 = -0.2V
Vgg2 = 0V
FREQUENCY (GHz)
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC463LP5 / 463LP5E
v09.0717
GaAs pHEMT MMIC LOW NOISE
AGC AMPLIFIER, 2 - 20 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com