Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC463LP5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC463LP5
Description  GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC463LP5 Datasheet(HTML) 1 Page - Analog Devices

  HMC463LP5 Datasheet HTML 1Page - Analog Devices HMC463LP5 Datasheet HTML 2Page - Analog Devices HMC463LP5 Datasheet HTML 3Page - Analog Devices HMC463LP5 Datasheet HTML 4Page - Analog Devices HMC463LP5 Datasheet HTML 5Page - Analog Devices HMC463LP5 Datasheet HTML 6Page - Analog Devices HMC463LP5 Datasheet HTML 7Page - Analog Devices HMC463LP5 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
7
7 - 1
HMC463LP5 / 463LP5E
GaAs pHEMT MMIC LOW NOISE
AGC AMPLIFIER, 2 - 20 GHz
v09.0717
General Description
Features
Functional Diagram
The HMC463LP5(E) is a GaAs MMIC pHEMT Low
Noise AGC Distributed Amplifier packaged in a lead-
less 5x5 mm surface mount package which oper-
ates between 2 and 20 GHz. The amplifier provides
13 dB of gain, 2.8 dB noise figure and 18 dBm of out-
put power at 1 dB gain compression while requiring
only 60mA from a +5V supply. An optional gate bias
(Vgg2) is provided to allow Adjustable Gain Control
(AGC) of 8 dB typical. Gain flatness is excellent at
±0.5 dB from 6 - 18 GHz making the HMC463LP5(E)
ideal for EW, ECM RADAR and test equipment appli-
cations. The HMC463LP5(E) LNA I/Os are internally
matched to 50 Ohms and are internally DC blocked.
Gain: 13 dB
Noise Figure: 2.8 dB @ 10 GHz
P1dB Output Power: +18 dBm @ 10 GHz
Supply Voltage: +5V @ 60mA
50 Ohm Matched Input/Output
32 Lead 5x5mm SMT Package: 25mm²
Typical Applications
The HMC463LP5(E) is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military EW, ECM & C3I
• Test Instrumentation
• Fiber Optics
Electrical Specifications, T
A = +25 °C, Vdd = 5V, Idd = 60 mA*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
2 - 6
6 - 18
18 - 20
GHz
Gain
10
13
9
12
8
11
dB
Gain Flatness
±0.5
±0.5
±0.5
dB
Gain Variation Over Temperature
0.010
0.015
0.010
0.015
0.010
0.015
dB/ °C
Noise Figure
3
4
3
5
5.5
6.5
dB
Input Return Loss
15
13
12
dB
Output Return Loss
13
10
10
dB
Output Power for 1 dB Compression
(P1dB)
16
19
11
16
10
12
dBm
Saturated Output Power (Psat)
21
19
19
dBm
Output Third Order Intercept (IP3)
30
24
22
dBm
Supply Current
(Idd) (Vdd = 5V, Vgg1 = -0.9V Typ.)
60
80
60
80
60
80
mA
* Adjust Vgg1 between -2 to -0V to achieve Idd = 60 mA typical.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.


Similar Part No. - HMC463LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC463LP5 HITTITE-HMC463LP5 Datasheet
354Kb / 6P
GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2.0 - 20.0 GHz
HMC463LP5 HITTITE-HMC463LP5 Datasheet
734Kb / 8P
GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463LP5 HITTITE-HMC463LP5 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC463LP5 AD-HMC463LP5 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC463LP5E HITTITE-HMC463LP5E Datasheet
734Kb / 8P
GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
More results

Similar Description - HMC463LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC463LP5 HITTITE-HMC463LP5 Datasheet
354Kb / 6P
GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2.0 - 20.0 GHz
HMC463LH250 HITTITE-HMC463LH250 Datasheet
350Kb / 6P
GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463 HITTITE-HMC463_10 Datasheet
310Kb / 8P
GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463LH250 HITTITE-HMC463LH250_10 Datasheet
262Kb / 6P
GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463LP5 HITTITE-HMC463LP5_11 Datasheet
734Kb / 8P
GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
logo
Analog Devices
HMC463LH250 AD-HMC463LH250 Datasheet
1Mb / 6P
GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC463 AD-HMC463 Datasheet
725Kb / 8P
GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com