Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVW5AM Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LVW5AM
Description  Traffic lights and signaling
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LVW5AM Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LVW5AM Datasheet HTML 5Page - OSRAM GmbH LVW5AM Datasheet HTML 6Page - OSRAM GmbH LVW5AM Datasheet HTML 7Page - OSRAM GmbH LVW5AM Datasheet HTML 8Page - OSRAM GmbH LVW5AM Datasheet HTML 9Page - OSRAM GmbH LVW5AM Datasheet HTML 10Page - OSRAM GmbH LVW5AM Datasheet HTML 11Page - OSRAM GmbH LVW5AM Datasheet HTML 12Page - OSRAM GmbH LVW5AM Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Version 1.2
LV W5AM
2015-12-14
9
Relative Forward Voltage 5) page 22
Relative Vorwärtsspannung 5) Seite 22
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
Relative Luminous Flux 5) page 22
Relativer Lichtstrom 5) Seite 22
ΦVV(25 °C) = f(Tj); IF = 350 mA
Dominant Wavelength 5) page 22
Dominante Wellenlänge 5) Seite 22
λdom = f(Tj); IF = 350 IFmA
OHL06014
-40 -20 0 20 40 60 80 100120
-0.4
-0.2
0.0
0.2
0.4
V
F (V)
T (°C)
j
OHL06067
-40 -20 0
20 40 60 80 100 120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
T (°C)
j
Φ
V
Φ
V
(25 °C)
OHL06087
-40 -20 0
20 40 60 80 100 120
-10
-5
0
5
10
∆λ
(nm)
dom
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com