Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVW5AM Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LVW5AM
Description  Traffic lights and signaling
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LVW5AM Datasheet(HTML) 3 Page - OSRAM GmbH

  LVW5AM Datasheet HTML 1Page - OSRAM GmbH LVW5AM Datasheet HTML 2Page - OSRAM GmbH LVW5AM Datasheet HTML 3Page - OSRAM GmbH LVW5AM Datasheet HTML 4Page - OSRAM GmbH LVW5AM Datasheet HTML 5Page - OSRAM GmbH LVW5AM Datasheet HTML 6Page - OSRAM GmbH LVW5AM Datasheet HTML 7Page - OSRAM GmbH LVW5AM Datasheet HTML 8Page - OSRAM GmbH LVW5AM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Version 1.2
LV W5AM
2015-12-14
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 125
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 125
°C
Junction temperature for short time applications *
Sperrschichttemperatur für Kurzzeitanwendung *
Tj
175
°C
Junction temperature
Sperrschichttemperatur
T
j
135
°C
Forward current
Durchlassstrom
(TS = 25 °C)
I
F
20 ... 1000
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; T
S = 25 °C)
IFM
2500
mA
Reverse voltage
Sperrspannung
(TS = 25 °C)
V
R
not designed for reverse
operation
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class
3B)
VESD
8
kV
Note:
* This is verified by testing 30 pieces. Pass criteria: No catastrophic failures allowed, luminous flux must be better than
L70B50 after 1000 h.
Anm:
* Dieser Wert wird durch den Test von 30 Bauteilen abgesichert. Dabei dürfen keine Totalausfälle auftreten und der
Lichtstrom muß nach 1000 h über L70B50 liegen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com