Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVCQBP Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LVCQBP
Description  Architectural Lighting indoor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LVCQBP Datasheet(HTML) 3 Page - OSRAM GmbH

  LVCQBP_18 Datasheet HTML 1Page - OSRAM GmbH LVCQBP_18 Datasheet HTML 2Page - OSRAM GmbH LVCQBP_18 Datasheet HTML 3Page - OSRAM GmbH LVCQBP_18 Datasheet HTML 4Page - OSRAM GmbH LVCQBP_18 Datasheet HTML 5Page - OSRAM GmbH LVCQBP_18 Datasheet HTML 6Page - OSRAM GmbH LVCQBP_18 Datasheet HTML 7Page - OSRAM GmbH LVCQBP_18 Datasheet HTML 8Page - OSRAM GmbH LVCQBP_18 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Version 1.4
LV CQBP
2018-03-01
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 120
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 120
°C
Junction temperature for short time applications *
Sperrschichttemperatur für Kurzzeitanwendung *
Tj
175
°C
Junction temperature
Sperrschichttemperatur
T
j
150
°C
Forward current
Durchlassstrom
(TS = 25 °C)
I
F
30 ... 1000
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; T
S = 25 °C)
IFM
2000
mA
Reverse voltage 2) page 21
Sperrspannung 2) Seite 21
(TS = 25 °C)
V
R
5
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class
3B)
VESD
8
kV
Note:
*The median lifetime (L70/B50) for Tj = 175°C is 100h.
Anm:
*Die mittlere Lebensdauer (L70/B50) bei Tj = 175°C beträgt 100h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com