Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVCQBP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LVCQBP
Description  Architectural Lighting indoor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LVCQBP Datasheet(HTML) 5 Page - OSRAM GmbH

  LVCQBP_18 Datasheet HTML 1Page - OSRAM GmbH LVCQBP_18 Datasheet HTML 2Page - OSRAM GmbH LVCQBP_18 Datasheet HTML 3Page - OSRAM GmbH LVCQBP_18 Datasheet HTML 4Page - OSRAM GmbH LVCQBP_18 Datasheet HTML 5Page - OSRAM GmbH LVCQBP_18 Datasheet HTML 6Page - OSRAM GmbH LVCQBP_18 Datasheet HTML 7Page - OSRAM GmbH LVCQBP_18 Datasheet HTML 8Page - OSRAM GmbH LVCQBP_18 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 1.4
LV CQBP
2018-03-01
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 4) page 21
Durchlassspannungsgruppen 4) Seite 21
Group
Luminous Flux 1) page 21
Luminous Flux 1) page 21
Luminous Intensity
6) page 21
Gruppe
Lichtstrom 1) Seite 21
Lichtstrom 1) Seite 21
Lichtstärke 6) Seite 21
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
JZ
61
71
21.8
KX
71
82
25.2
KY
82
97
29.5
KZ
97
112
34.5
LX
112
130
39.9
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
8E
2.75
3.00
8F
3.00
3.25
8G
3.25
3.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com