Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVCQBP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LVCQBP
Description  Architectural Lighting indoor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LVCQBP Datasheet(HTML) 1 Page - OSRAM GmbH

  LVCQBP Datasheet HTML 1Page - OSRAM GmbH LVCQBP Datasheet HTML 2Page - OSRAM GmbH LVCQBP Datasheet HTML 3Page - OSRAM GmbH LVCQBP Datasheet HTML 4Page - OSRAM GmbH LVCQBP Datasheet HTML 5Page - OSRAM GmbH LVCQBP Datasheet HTML 6Page - OSRAM GmbH LVCQBP Datasheet HTML 7Page - OSRAM GmbH LVCQBP Datasheet HTML 8Page - OSRAM GmbH LVCQBP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2018-03-01
1
2018-03-01
OSLON Signal
Datasheet
Version 1.4
LV CQBP
The OSLON® Signal combines a compact size (small
footprint: 3x3mm) with a high efficiency and an
electrically isolated thermal pad.
Die OSLON® Signal vereint eine kompakte Größe von
3.0 x 3.0 mm mit hoher Effizienz und einem elektrisch
isoliertem Wärmekontakt.
Features:
Besondere Merkmale:
•
Package: SMD ceramic package with silicone lens
•
Gehäusetyp: SMD Keramik Gehäuse mit
Silikonlinse
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Viewing angle at 50 % I
V: 130°
•
Abstrahlwinkel bei 50 % I
V: 130°
•
Color: verde (505 nm)
•
Farbe: verde (505 nm)
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Signaling
•
Signalanlagen
•
Architectural Lighting indoor
•
Architekturbeleuchtung innen
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten
•
Traffic lights
•
Ampelanlagen


Similar Part No. - LVCQBP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LVCQBP OSRAM-LVCQBP Datasheet
987Kb / 23P
OSLON Signal
LVCQBP-JZLX-BD-1 OSRAM-LVCQBP-JZLX-BD-1 Datasheet
987Kb / 23P
Architectural Lighting indoor
LVCQBP-JZLX-BD-1 OSRAM-LVCQBP-JZLX-BD-1 Datasheet
987Kb / 23P
OSLON Signal
More results

Similar Description - LVCQBP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCBCRBP-JXKX-3B6B-1 OSRAM-LCBCRBP-JXKX-3B6B-1 Datasheet
990Kb / 22P
Architectural Lighting indoor
LSH9PP-HYJY-1-1 OSRAM-LSH9PP-HYJY-1-1 Datasheet
728Kb / 22P
Architectural Lighting indoor and outdoor
LTCQBP-KYLX-36-1 OSRAM-LTCQBP-KYLX-36-1 Datasheet
939Kb / 21P
Architectural Lighting indoor
LVCQBP-JZLX-BD-1 OSRAM-LVCQBP-JZLX-BD-1 Datasheet
987Kb / 23P
Architectural Lighting indoor
LRW5SM OSRAM-LRW5SM Datasheet
611Kb / 21P
Architectural Lighting indoor and outdoor
LTH9GP OSRAM-LTH9GP Datasheet
630Kb / 21P
Architectural Lighting indoor and outdoor
LYH9GP OSRAM-LYH9GP Datasheet
689Kb / 21P
Architectural Lighting indoor and outdoor
KRDMLN31.23 OSRAM-KRDMLN31.23 Datasheet
676Kb / 22P
Architectural Lighting indoor and outdoor
KRDMLQ31.23 OSRAM-KRDMLQ31.23 Datasheet
710Kb / 21P
Architectural Lighting indoor and outdoor
KRDMLS31.23 OSRAM-KRDMLS31.23 Datasheet
732Kb / 22P
Architectural Lighting indoor and outdoor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com