Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVCQBP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LVCQBP
Description  Architectural Lighting indoor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LVCQBP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LVCQBP Datasheet HTML 6Page - OSRAM GmbH LVCQBP Datasheet HTML 7Page - OSRAM GmbH LVCQBP Datasheet HTML 8Page - OSRAM GmbH LVCQBP Datasheet HTML 9Page - OSRAM GmbH LVCQBP Datasheet HTML 10Page - OSRAM GmbH LVCQBP Datasheet HTML 11Page - OSRAM GmbH LVCQBP Datasheet HTML 12Page - OSRAM GmbH LVCQBP Datasheet HTML 13Page - OSRAM GmbH LVCQBP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2018-03-01
10
Version 1.4
LV CQBP
Relative Forward Voltage 6) page 21
Relative Vorwärtsspannung 6) Seite 21
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
Relative Luminous Flux 6) page 21
Relativer Lichtstrom 6) Seite 21
ΦV/ΦV(25 °C) = f(Tj); IF = 350 mA
Chromaticity Coordinate Shift 6) page 21
Farbortverschiebung 6) Seite 21
Cx, Cy = f(Tj); IF = 350 mA
Dominant Wavelength 6) page 21
Dominante Wellenlänge 6) Seite 21
λdom = f(Tj); IF = 350 mA
LV CQBP
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆VF [V]
: verde
LV CQBP
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φv
Φ
v(25°C)
: verde
LV CQBP
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0,1
0,2
0,3
0,4
0,5
Cx
Cy
: Cx
: Cy
LV CQBP
-40
-20
0
20
40
60
80
100 120
Tj [°C]
460
480
500
520
540
560
λ dom [nm]
: verde



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com