Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRW5SM Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LRW5SM
Description  Signalling
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRW5SM Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LRW5SM Datasheet HTML 5Page - OSRAM GmbH LRW5SM Datasheet HTML 6Page - OSRAM GmbH LRW5SM Datasheet HTML 7Page - OSRAM GmbH LRW5SM Datasheet HTML 8Page - OSRAM GmbH LRW5SM Datasheet HTML 9Page - OSRAM GmbH LRW5SM Datasheet HTML 10Page - OSRAM GmbH LRW5SM Datasheet HTML 11Page - OSRAM GmbH LRW5SM Datasheet HTML 12Page - OSRAM GmbH LRW5SM Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LR W5SM
9 Version 1.2 | 2018-03-14
LR W5SM
-40-20
020406080 100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
Φv
Φv(25°C)
:red
Relative Luminous Flux 6)
Φ
vv(25 °C) = f(Tj); IF = 400 mA
LR W5SM
-40-20
020406080 100 120
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
VF [V]
:red
Forward Voltage 6)
V
F = VF - VF(25 °C) = f(Tj); IF = 400 mA
LR W5SM
-40-20
020406080 100 120
Tj [°C]
-8
-6
-4
-2
0
2
4
6
8
∆λ dom [nm]
:red
Dominant Wavelength 6)
∆λ
dom = λdom - λdom(25 °C) = f(Tj); IF = 400 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com