Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRW5SM Datasheet(PDF) 18 Page - OSRAM GmbH

Part # LRW5SM
Description  Signalling
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRW5SM Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button LRW5SM Datasheet HTML 14Page - OSRAM GmbH LRW5SM Datasheet HTML 15Page - OSRAM GmbH LRW5SM Datasheet HTML 16Page - OSRAM GmbH LRW5SM Datasheet HTML 17Page - OSRAM GmbH LRW5SM Datasheet HTML 18Page - OSRAM GmbH LRW5SM Datasheet HTML 19Page - OSRAM GmbH LRW5SM Datasheet HTML 20Page - OSRAM GmbH LRW5SM Datasheet HTML 21Page - OSRAM GmbH LRW5SM Datasheet HTML 22Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LR W5SM
18 Version 1.2 | 2018-03-14
Package Type
W:
DRAGON
Binning Information:
Converted colors
C:
ANSI fine binning
Chip Technology:
M:
standard performance
L: Light
emitting
diode
Encapsulant Type / Lens Properties
A:
outcoupling lens 135° … 145°
P:
plabar compression molded silicon
(120°); with volume conversion
S:
silicone
Lead / Package Properties
5:
gullwing leads
Technology
Concept
P:
Low CRI high
brightness
Wavelength
Emission Color
Color coordinates
(lλdom typ.)
acc. to CIE
1931/Emission color:
B:
470 nm
blue
CW: warm white
T:
528 nm
true green
UW: ultra white
Y:
587 nm
yellow
W:
white
A:
617 nm
amber
CY:
color on demand
D:
460 nm
deep blue
H:
645 nm
hyper-red
R:
625 nm
red
V:
505 nm
verde green
Type Designation System
L
CW
W
5
A
M
.
P
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com