Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRVH9F Datasheet(PDF) 17 Page - OSRAM GmbH

Part # LRVH9F
Description  Gaming, Amusement, Gambling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRVH9F Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button LRVH9F Datasheet HTML 13Page - OSRAM GmbH LRVH9F Datasheet HTML 14Page - OSRAM GmbH LRVH9F Datasheet HTML 15Page - OSRAM GmbH LRVH9F Datasheet HTML 16Page - OSRAM GmbH LRVH9F Datasheet HTML 17Page - OSRAM GmbH LRVH9F Datasheet HTML 18Page - OSRAM GmbH LRVH9F Datasheet HTML 19Page - OSRAM GmbH LRVH9F Datasheet HTML 20Page - OSRAM GmbH LRVH9F Datasheet HTML 21Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
LR VH9F
17 Version 1.3 | 2018-03-27
Chip Technology:
G:
ThinGaN (Thinfilm InGaN)
(Subcon: Sapphire)
F:
Thinfilm InGaAlP
´
Encapsulant Type / Lens Properties
8:
White volume conversion
9:
Clear resin
Wavelength
Emission Color
Color coordinates according
(λdom typ.)
CIE 1931/Emission color:
B:
470 nm
blue
W:
white
T:
528 nm
true green
R:
625 nm
red
L:
Light
emitting
diode
Package Type
V:
Toplooker, Leadframe
based, White package
w/o reflector
Lead / Package Properties
H:
Footprint: 0402 / Height: 0,35 mm
Type Designation System
L
B
V
H
9
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com